Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7863IRGET Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS7863IRGET
Descripción Electrónicos  Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7863IRGET Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS7863IRGET Datasheet HTML 6Page - Texas Instruments ADS7863IRGET Datasheet HTML 7Page - Texas Instruments ADS7863IRGET Datasheet HTML 8Page - Texas Instruments ADS7863IRGET Datasheet HTML 9Page - Texas Instruments ADS7863IRGET Datasheet HTML 10Page - Texas Instruments ADS7863IRGET Datasheet HTML 11Page - Texas Instruments ADS7863IRGET Datasheet HTML 12Page - Texas Instruments ADS7863IRGET Datasheet HTML 13Page - Texas Instruments ADS7863IRGET Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
-40
-25
-10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
-
-
-
-
Offset
OffsetMatch
AV
(V)
DD
1.0
0.8
0.6
-1.0
2.7
3.0
3.3
5.5
0.4
0
-0.4
-0.8
-0.6
3.6
3.9
4.2
4.5
4.8
Offset Match
Offset
0.2
-0.2
5.1
-40
-25
-10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
0.20
0.15
0.10
0.05
0
0.05
0.10
0.15
0.20
-
-
-
-
Gain
GainMatch
AV
(V)
DD
0.10
0.05
-0.10
2.7
3.0
3.3
5.5
0
3.6
3.9
4.2
4.5
4.8
Gain
GainMatch
-0.05
5.1
-40
-25
-10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
74.0
73.5
73.0
72.5
72.0
5
0.0
71.5
71.0
70.
7
AV
(V)
DD
74.0
73.5
73.0
70.0
2.7
3.0
3.3
5.5
72.5
71.5
70.5
3.6
3.9
4.2
4.5
4.8
72.0
71.0
5.1
ADS7863
SBAS383E – JUNE 2007 – REVISED JANUARY 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Over entire supply voltage range, VREF = 2.5V (internal), fCLK = 32MHz, and tDATA = 2MSPS, unless otherwise noted.
OFFSET ERROR AND OFFSET MATCH
OFFSET ERROR AND OFFSET MATCH
vs ANALOG SUPPLY VOLTAGE
vs TEMPERATURE
Figure 9.
Figure 10.
GAIN ERROR AND GAIN MATCH
GAIN ERROR AND GAIN MATCH
vs ANALOG SUPPLY VOLTAGE
vs TEMPERATURE
Figure 11.
Figure 12.
COMMON-MODE REJECTION RATIO
COMMON-MODE REJECTION RATIO
vs ANALOG SUPPLY VOLTAGE
vs TEMPERATURE
Figure 13.
Figure 14.
10
Submit Documentation Feedback
Copyright © 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS7863


Número de pieza similar - ADS7863IRGET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS7863IRGET BURR-BROWN-ADS7863IRGET Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7863IRGET TI-ADS7863IRGET Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863IRGET TI1-ADS7863IRGET Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863IRGETG4 TI-ADS7863IRGETG4 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863IRGETG4 TI1-ADS7863IRGETG4 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS7863IRGET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7863 TI1-ADS7863_14 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI-ADS7863_08 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7863A TI1-ADS7863A Datasheet
1Mb / 42P
[Old version datasheet]   Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
ADS7862Y TI1-ADS7862Y Datasheet
706Kb / 20P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling
ADS8361IDBQG4 TI1-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling
ADS8363SRHBT TI-ADS8363SRHBT Datasheet
709Kb / 49P
[Old version datasheet]   Dual, 1MSPS, 16-/14-/12-Bit, 4 2 or 2 2 Channel, Simultaneous Sampling Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com