Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC1405D650HW Datasheet(PDF) 7 Page - Integrated Device Technology

No. de pieza DAC1405D650HW
Descripción Electrónicos  Dual 14-bit DAC, up to 650 Msps; 2?? 4??and 8??interpolating
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1405D650HW Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button DAC1405D650HW Datasheet HTML 3Page - Integrated Device Technology DAC1405D650HW Datasheet HTML 4Page - Integrated Device Technology DAC1405D650HW Datasheet HTML 5Page - Integrated Device Technology DAC1405D650HW Datasheet HTML 6Page - Integrated Device Technology DAC1405D650HW Datasheet HTML 7Page - Integrated Device Technology DAC1405D650HW Datasheet HTML 8Page - Integrated Device Technology DAC1405D650HW Datasheet HTML 9Page - Integrated Device Technology DAC1405D650HW Datasheet HTML 10Page - Integrated Device Technology DAC1405D650HW Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
DAC1405D650 5
© IDT 2012. All rights reserved.
Product data sheet
Rev. 05 — 2 July 2012
7 of 41
Integrated Device Technology
DAC1405D650
Dual 14-bit DAC, up to 650 Msps; 2
, 4 and 8 interpolating
[1]
P = power supply
G = ground
I = input
O = output.
[2]
H = heatsink (exposed die pad to be soldered)
VDDA(1V8)
81
P
analog supply voltage 1.8 V
AGND
82
G
analog ground
VDDA(1V8)
83
P
analog supply voltage 1.8 V
AGND
84
G
analog ground
IOUTBN
85
O
complementary DAC B output current
IOUTBP
86
O
DAC B output current
AGND
87
G
analog ground
n.c.
88
-
not connected
AGND
89
G
analog ground
IOUTAP
90
O
DAC A output current
IOUTAN
91
O
complementary DAC A output current
AGND
92
G
analog ground
VDDA(1V8)
93
P
analog supply voltage 1.8 V
AGND
94
G
analog ground
VDDA(1V8)
95
P
analog supply voltage 1.8 V
AGND
96
G
analog ground
VDDA(1V8)
97
P
analog supply voltage 1.8 V
AGND
98
G
analog ground
VDDA(1V8)
99
P
analog supply voltage 1.8 V
AGND
100
G
analog ground
AGND
H[2]
G
analog ground
Table 2.
Pin description …continued
Symbol
Pin
Type[1]
Description


Número de pieza similar - DAC1405D650HW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
DAC1405D650HW NXP-DAC1405D650HW Datasheet
203Kb / 43P
   Dual 14-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-4 May 2009
logo
Renesas Technology Corp
DAC1405D650HW RENESAS-DAC1405D650HW Datasheet
413Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2, 4 and 8 interpolating
2 July 2012
More results

Descripción similar - DAC1405D650HW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
DAC1405D650 RENESAS-DAC1405D650 Datasheet
413Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2, 4 and 8 interpolating
2 July 2012
logo
NXP Semiconductors
DAC1408D650_1008 NXP-DAC1408D650_1008 Datasheet
2Mb / 98P
   Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
logo
Renesas Technology Corp
DAC1005D650 RENESAS-DAC1005D650 Datasheet
412Kb / 41P
   Dual 10-bit DAC, up to 650 Msps; 2 4 and 8 interpolating
2 July 2012
logo
NXP Semiconductors
DAC1408D650_1011 NXP-DAC1408D650_1011 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
Rev. 4-26 November 2010
logo
Integrated Device Techn...
DAC1408D650 IDT-DAC1408D650 Datasheet
689Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
Renesas Technology Corp
DAC1408D650 RENESAS-DAC1408D650 Datasheet
693Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
NXP Semiconductors
DAC1405D650 NXP-DAC1405D650 Datasheet
203Kb / 43P
   Dual 14-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-4 May 2009
logo
Renesas Technology Corp
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
DAC1008D650 RENESAS-DAC1008D650 Datasheet
631Kb / 96P
   Dual 10-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
Integrated Device Techn...
DAC1208D650 IDT-DAC1208D650 Datasheet
629Kb / 96P
   Dual 12-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com