Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3825-33 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TPS3825-33
Descripción Electrónicos  TAS5612L-TAS5614LDDVEVM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3825-33 Datasheet(HTML) 2 Page - Texas Instruments

  TPS3825-33 Datasheet HTML 1Page - Texas Instruments TPS3825-33 Datasheet HTML 2Page - Texas Instruments TPS3825-33 Datasheet HTML 3Page - Texas Instruments TPS3825-33 Datasheet HTML 4Page - Texas Instruments TPS3825-33 Datasheet HTML 5Page - Texas Instruments TPS3825-33 Datasheet HTML 6Page - Texas Instruments TPS3825-33 Datasheet HTML 7Page - Texas Instruments TPS3825-33 Datasheet HTML 8Page - Texas Instruments TPS3825-33 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Introduction
www.ti.com
1
Introduction
The TAS5612L-TAS5614LDDVEVM PurePath™ EVM demonstrates the current version of TAS5612LDDV
or TAS5614LDDV integrated circuit power stage with TAS5538DGG from Texas Instruments (TI).
The TAS5612L and TAS5614L are high-performance, integrated Stereo Feedback Digital Amplifier Power
Stages designed to drive 4
Ω speakers at up to 150W per channel for TAS5614LDDV and 125W per
channel for TAS5612LDDV. They require only a passive demodulation filter to deliver efficient high quality
audio amplification.
TAS5538DGG is a high performance 32 bit (24 bit input) multi channel PurePath™ Digital Pulse Width
Modulator (PWM) with fully symmetrical AD modulation scheme. The device also has Digital Audio
Processing (DAP) that provides 48 bit signal processing, advanced performance and a high level of
system integration.
This EVM can be configured as 2 BTL channels for stereo evaluation or 1 PBTL (parallel BTL) channel for
subwoofer evaluation. Together with a TI Input-USB Board 3, it provides a complete stereo digital audio
amplifier system which includes digital input (S/PDIF), analog inputs, interface to PC and DAP features
like digital volume control, input and output mixers, automute, tone controls, loudness, EQ filters and
dynamic range compression (DRC). There are configuration options for power stage failure protection.
NOTE: TAS5612L-TAS5614LDDVEVM IS SHIPPED WITH THE CURRENT VERSION OF
TAS5614L INSTALLED. TO EVALUATE THE CURRENT VERSION OF TAS5612L
PLEASE VISIT THE PRODUCT FOLDER AT www.ti.com AND REQUEST A FREE
SAMPLE; AND, REPLACE THE TAS5614L WITH TAS5612L.
Table 1. TAS5612L-TAS5614LDDVEVM Specification
Key Parameters
Values
TAS5614L Power Supply Voltage
12 - 38 Vdc
TAS5612L Power Supply Voltage
12 - 34 Vdc
Number of Channels
2 x BTL or 1 x PBTL
Load Impedance BTL
4-8 Ohm
Load Impedance PBTL
2-4 Ohm
TAS5614L Output power BTL
150W / 4Ohm / 10%THD+N
TAS5614L Output power PBTL
300W / 2Ohm / 10%THD+N
TAS5612L Output power BTL
125W / 4Ohm / 10%THD+N
TAS5612L Output power PBTL
250W / 2Ohm / 10%THD+N
Dynamic Range (DNR)
>105 dB
PWM Processor
TAS5538DGG
Output Stage
TAS5614LDDV or TAS5612LDDV
NOTE:
The heatsink in TAS5612L-TAS5614LDDVEVM is designed to comply with time
requirements of the “Amplifier Rule”, US Federal Trade Commission 16 CFR 432, when the
EVM is operated at power levels specified above. If continuous operation at specified output
power is required it is necessary to provide forced air flow through the heatsink.
(The FTC regulation specifies operation in 25°C ambient temperature for one hour at 1/8
specified output power (18.75W per channel for TAS5614LDDVEVM, 15.63W per channel
for TAS5612LDDVEVM) and then for 5 minutes at specified output power (150W per channel
for TAS5614LDDVEVM, 125W per channel for TAS5612LDDVEVM). Then distortion vs.
output power can be measured. TAS5612L-TAS5614LDDVEVM provides specified output
power for several minutes or more without thermal shutdown. THD is not specified for this
test but is typically near 10%.)
2
TAS5612L-TAS5614LDDVEVM
SLAU375 – May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Número de pieza similar - TPS3825-33

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3825-33 TI-TPS3825-33 Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3825-33 TI1-TPS3825-33 Datasheet
3Mb / 33P
[Old version datasheet]   TAS5622-TAS5624DDVEVM
TPS3825-33-Q1 TI1-TPS3825-33-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3825-33-Q1 TI1-TPS3825-33-Q1 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3825-33-Q1 TI1-TPS3825-33-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com