Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CBC2016T101MR Datasheet(PDF) 9 Page - Taiyo Yuden (U.S.A.), Inc |
|
CBC2016T101MR Datasheet(HTML) 9 Page - Taiyo Yuden (U.S.A.), Inc |
9 / 11 page 12 wound0103_reli-PRP4 wound0103_reli_e-01 ■ RELIABILITY DATA *This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification. For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs. 15.Resistance to soldering LB, LBC, LBR, LBMF Series Inductance change:Within±10% CB, CBC, CBL, CBMF Series LEM Series Inductance change:Within±5% LEM2520 No significant abnormality in appearance. 【Test Methods and Remarks】 LEM: Reflow condition 3 times of reflow over at 220±5℃ for 40sec. MAX, With Peak temperature at 240±5℃ for 5 sec. MAX.(Refer to a Profile of chart below.) Flow condition Solder temperature:260±5℃ Duration:10±1sec. Once LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF: 3 times of reflow oven at 230℃ MIN for 40sec. with peak temperature at 260 ℃ for 5sec. 16.Resisitance to solvent LB, LBC, LBR, LBMF Series No significant abnormality in appearance CB, CBC, CBL, CBMF Series LBM, LEM Series 【Test Methods and Remarks】 Solvent temperature:Room temperature Type of solvent:Isopropyl alcohol Cleaning conditions:90s. Immersion and cleaning. 17.Thermal shock LB, LBC, LBR, LBMF Series Inductance change:Within±10% No significant abnormality in appearance. CB, CBC, CBL, CBMF Series LBM Series LEM Series Inductance change :Within±10% Q→ R12~4R7:30 min. 5R6~330:25 min. 390~820:20 min. 101:15 min. 【Test Methods and Remarks】 LEM : Conditions for 1cycle Step Temperature(℃) Duration(min) 1 ー40 30 2 +85 30 Number of cycle:100 cycle Recovery:At least 1 hr of recovery under the standard condition after the test, followed by the measurement within 2 hrs. LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF: ー40~+85℃, maintain times 30min. ,100 cycle Recovery:At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs. 18.Damp heat life test LB, LBC, LBR, LBMF Series Inductance change:Within±10% No significant abnormality in appearance. CB, CBC, CBL, CBMF Series LBM Series LEM Series Inductance change :Within±10% Q→ R12~4R7:30 min. 5R6~330:25 min. 390~820:20 min. 101:15 min. 【Test Methods and Remarks】 Temperature:60±2℃ Humidity:90~95%RH Duration:1000 hrs Recovery:At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs. LEM:Recovery At least 1 hr of recovery under the standard condition after the test, followed by the measurement within 2 hrs. 19.Loading under damp heat life test LB, LBC, LBR, LBMF Series Inductance change:Within±10% No significant abnormality in appearance. CB, CBC, CBL, CBMF Series LBM Series LEM Series Inductance change :Within±10% Q→ R12~4R7:30 min. 5R6~330:25 min. 390~820:20 min. 101:15 min. 【Test Methods and Remarks】 Temperature:60±2℃ Humidity:90~95%RH Duration:1000 hrs Applied current:Rated current Recovery:At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs. LEM:Recovery At least 1 hr of recovery under the standard condition after the test, followed by the measurement within 2 hrs. |
Número de pieza similar - CBC2016T101MR |
|
Descripción similar - CBC2016T101MR |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |