Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC0820AINE4 Datasheet(PDF) 3 Page - Texas Instruments |
|
TLC0820AINE4 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 15 page TLC0820AC, TLC0820AI Advanced LinCMOS ™ HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES SLAS064A – SEPTEMBER 1986 – REVISED JUNE 1994 2–3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions TERMINAL I/O DESCRIPTION NAME NO. I/O DESCRIPTION ANLG IN 1 I Analog input CS 13 I Chip select. CS must be low in order for RD or WR to be recognized by the ADC. D0 2 O Digital, 3-state output data, bit 1 (LSB) D1 3 O Digital, 3-state output data, bit 2 D2 4 O Digital, 3-state output data, bit 3 D3 5 O Digital, 3-state output data, bit 4 D4 14 O Digital, 3-state output data, bit 5 D5 15 O Digital, 3-state output data, bit 6 D6 16 O Digital, 3-state output data, bit 7 D7 17 O Digital, 3-state output data, bit 8 (MSB) GND 10 Ground INT 9 O Interrupt. In the write-read mode, the interrupt output (INT) going low indicates that the internal count-down delay time, td(int), is complete and the data result is in the output latch. The delay time td(int) is typically 800 ns starting after the rising edge of WR (see operating characteristics and Figure 3). If RD goes low prior to the end of td(int), INT goes low at the end of td(RIL) and the conversion results are available sooner (see Figure 2). INT is reset by the rising edge of either RD or CS. MODE 7 I Mode select. MODE is internally tied to GND through a 50- µA current source, which acts like a pulldown resistor. When MODE is low, the read mode is selected. When MODE is high, the write-read mode is selected. NC 19 No internal connection OFLW 18 O Overflow. Normally OFLW is a logical high. However, if the analog input is higher than Vref+, OFLW will be low at the end of conversion. It can be used to cascade two or more devices to improve resolution (9 or 10 bits). RD 8 I Read. In the write-read mode with CS low, the 3-state data outputs D0 through D7 are activated when RD goes low. RD can also be used to increase the conversion speed by reading data prior to the end of the internal count-down delay time. As a result, the data transferred to the output latch is latched after the falling edge of RD. In the read mode with CS low, the conversion starts with RD going low. RD also enables the 3-state data outputs on completion of the conversion. RDY going into the high-impedance state and INT going low indicate completion of the conversion. REF – 11 I Reference voltage. REF – is placed on the bottom of the resistor ladder. REF + 12 I Reference voltage. REF + is placed on the top of the resistor ladder. VCC 20 Power supply voltage WR/RDY 6 I/O Write ready. In the write-read mode with CS low, the conversion is started on the falling edge of the WR input signal. The result of the conversion is strobed into the output latch after the internal count-down delay time, td(int), provided that the RD input does not go low prior to this time. The delay time td(int) is approximately 800 ns. In the read mode, RDY (an open-drain output) goes low after the falling edge of CS and goes into the high-impedance state when the conversion is strobed into the output latch. It is used to simplify the interface to a microprocessor system. |
Número de pieza similar - TLC0820AINE4 |
|
Descripción similar - TLC0820AINE4 |