Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMXS1309MR04DTAS Datasheet(PDF) 3 Page - AVX Corporation

No. de pieza LMXS1309MR04DTAS
Descripción Electrónicos  LMax SMD Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

LMXS1309MR04DTAS Datasheet(HTML) 3 Page - AVX Corporation

  LMXS1309MR04DTAS Datasheet HTML 1Page - AVX Corporation LMXS1309MR04DTAS Datasheet HTML 2Page - AVX Corporation LMXS1309MR04DTAS Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
23
LMax SMD Power Inductor
LMXS Series – Shielded Style D
1915
Codes
L
Tolerance
Test
DCR
SRF ref
IDC
I rms
(μH)
Condition
(Ω) max.
(MHz)
(A) max.
(A) max.
100
10
M
100KHz, 0.1V
0.040
30
8.0
3.9
150
15
M
100KHz, 0.1V
0.048
20
7.00
3.4
220
22
M
100KHz, 0.1V
0.059
18
6.00
3.1
330
33
M
100KHz, 0.1V
0.075
14
5.00
2.8
470
47
M
100KHz, 0.1V
0.097
10
4.00
2.4
680
68
M
100KHz, 0.1V
0.138
9.0
3.00
2.0
101
100
M
100KHz, 0.1V
0.207
7.0
2.40
1.7
151
150
M
100KHz, 0.1V
0.293
6.0
2.10
1.3
221
220
M
100KHz, 0.1V
0.470
5.0
1.90
1.1
331
330
M
100KHz, 0.1V
0.780
4.0
1.10
0.86
471
470
M
100KHz, 0.1V
1.080
3.0
1.10
0.73
681
680
M
100KHz, 0.1V
1.400
2.5
0.96
0.64
102
1000
M
100KHz, 0.1V
2.010
2.0
0.80
0.53


Número de pieza similar - LMXS1309MR04DTAS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
LMXSD AVX-LMXSD Datasheet
95Kb / 3P
   Magnetically shielded against radiation
LMXSF AVX-LMXSF Datasheet
91Kb / 4P
   Magnetically Shielded Construction
LMXSL AVX-LMXSL Datasheet
86Kb / 2P
   Magnetically Shielded Construction
More results

Descripción similar - LMXS1309MR04DTAS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
LMXN1309MR04CTAS AVX-LMXN1309MR04CTAS Datasheet
118Kb / 4P
   LMax SMD Power Inductor
LMXN0705MR04BTAS AVX-LMXN0705MR04BTAS Datasheet
64Kb / 2P
   LMax SMD Power Inductor
LMXNC AVX-LMXNC Datasheet
99Kb / 4P
   LMax SMD Power Inductor
LMXNB AVX-LMXNB Datasheet
90Kb / 2P
   LMax SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com