Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC3162 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC3162
Descripción Electrónicos  Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3162 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC3162 Datasheet HTML 7Page - Texas Instruments DAC3162 Datasheet HTML 8Page - Texas Instruments DAC3162 Datasheet HTML 9Page - Texas Instruments DAC3162 Datasheet HTML 10Page - Texas Instruments DAC3162 Datasheet HTML 11Page - Texas Instruments DAC3162 Datasheet HTML 12Page - Texas Instruments DAC3162 Datasheet HTML 13Page - Texas Instruments DAC3162 Datasheet HTML 14Page - Texas Instruments DAC3162 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
55
60
65
70
75
80
0
50
100
150
200
250
Channel A
Channel B
fDAC = 491.52 MSPS
Test Model 1
Single Carrier
G021
60
65
70
75
80
0
50
100
150
200
250
Channel A
Channel B
fDAC = 491.52 MSPS
Test Model 1
Single Carrier
G022
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
5
7
9
11
13
15
Frequency (MHz)
fOUT = 10 MHz
Tone Spacing = 1 MHz
fDAC = 500 MSPS
G019
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
65
67
69
71
73
75
Frequency (MHz)
fOUT = 70 MHz
Tone Spacing = 1 MHz
fDAC = 500 MSPS
G020
50
60
70
80
90
100
0
50
100
Output Frequency (MHz)
Channel A
Channel B
G023
−160
−155
−150
−145
−140
−135
−130
−125
−120
0
50
100
150
200
250
Output Frequency (MHz)
Channel A
Channel B
fDAC = 500 MSPS
G018
DAC3152
DAC3162
www.ti.com
SLAS736D – NOVEMBER 2010 – REVISED AUGUST 2012
Typical Characteristics (continued)
DVDD18 = CLKVDD18 = 1.8 V, AVDD33 = 3.3 V, fDAC = 500 MSPS, fOUT = 1 MHz, IOUTfs = 20 mA (unless otherwise noted)
Figure 19. DAC3152 Intermodulation Distortion
Figure 20. DAC3162 Noise Spectral Density vs Frequency
vs Frequency
Figure 21. DAC3162 10-MHz Two-Tone Spectrum
Figure 22. DAC3162 70-MHz Two-Tone Spectrum
vs Frequency
vs Frequency
Figure 23. DAC3162 Alternate Channel vs Frequency
Figure 24. DAC3162 Alternate Channel vs Frequency
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DAC3152 DAC3162


Número de pieza similar - DAC3162

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC3161 TI-DAC3161 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3161IRGC25 TI1-DAC3161IRGC25 Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3161IRGCR TI1-DAC3161IRGCR Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3161IRGCT TI1-DAC3161IRGCT Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Pan Jit International I...
DAC3164 PANJIT-DAC3164 Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results

Descripción similar - DAC3162

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Texas Instruments
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADS54RF63 TI-ADS54RF63 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5463 TI1-ADS5463_14 Datasheet
1Mb / 49P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
logo
Analog Devices
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com