Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MCR8S Datasheet(Hoja de datos) 1 Page - Motorola, Inc

No. de Pieza. MCR8S
Descripción  Silicon Controlled Rectifiers
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo 

   
 1 page
background image
1
Motorola Thyristor Device Data
Advance Information
Silicon Controlled Rectifiers
Reverse Blocking Thyristors
Designed primarily for half–wave ac control applications, such as motor
controls, heating controls, and power supplies; or wherever half–wave, silicon
gate–controlled devices are needed.
• Blocking Voltage to 800 Volts
• On-State Current Rating of 8 Amperes RMS
• High Surge Current Capability — 90 Amperes
• Industry Standard TO–220AB Package for Ease of Design
• Glass Passivated Junctions for Reliability and Uniformity
• Low Trigger Currents, 200µA Maximum for Direct Driving from Integrated Circuits
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak Repetitive Off-State Voltage (1)
Peak Repetitive Reverse Voltage
(TJ = –40 to 110°C; RGK = 1.0 KΩ)
MCR8SD
MCR8SM
MCR8SN
VDRM
VRRM
400
600
800
Volts
On-State RMS Current
(All Conduction Angles)
IT(RMS)
8
A
Peak Non-repetitive Surge Current
(One Half Cycle, 60 Hz, TJ = 125°C)
ITSM
90
A
Circuit Fusing Consideration (t = 8.3 ms)
I2t
34
A2sec
Peak Gate Power (Pulse Width
≤ 1.0 µs, TC = 80°C)
PGM
5.0
Watts
Average Gate Power (t = 8.3 ms, TC = 80°C)
PG(AV)
0.5
Watts
Peak Gate Current (Pulse Width
≤ 1.0 µs, TC = 80°C)
IGM
2.0
A
Operating Junction Temperature Range
TJ
– 40 to +110
°C
Storage Temperature Range
Tstg
– 40 to +150
°C
THERMAL CHARACTERISTICS
Thermal Resistance — Junction to Case
Thermal Resistance — Junction to Ambient
R
θJC
R
θJA
2.2
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
(1)
VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; positive gate voltage shall
not be applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MCR8S/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
MCR8S
SERIES
CASE 221A–06
(TO-220AB)
Style 3
K
A
G
SCRs
8 AMPERES RMS
400 thru 800
VOLTS
*Motorola preferred devices
A
*




Html Pages

1  2 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MCR106Silicon Controlled Rectifiers 1 2 3 4 Motorola, Inc
UTCML1225The XL1225/ML1225 silicon controlled rectifiers 1 2 Unisonic Technologies
C122A1SILICON CONTROLLED RECTIFIERS 1 2 3 Motorola, Inc
S6200THYRISTORS SILICON CONTROLLED RECTIFIERS 1 2 Motorola, Inc
MCK100-8Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor
MCR12Silicon Controlled Rectifiers 1 2 Motorola, Inc
MCR12DSilicon Controlled Rectifiers 1 2 3 4 5 MoreON Semiconductor
SCP6C60SILICON CONTROLLED RECTIFIERS 1 2 3 4 5 List of Unclassifed Manufacturers
F0810Silicon controlled rectifiers 1 List of Unclassifed Manufacturers
SCD6C60Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl