Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6139A2 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA6139A2
Descripción Electrónicos  DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6139A2 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA6139A2 Datasheet HTML 4Page - Texas Instruments TPA6139A2 Datasheet HTML 5Page - Texas Instruments TPA6139A2 Datasheet HTML 6Page - Texas Instruments TPA6139A2 Datasheet HTML 7Page - Texas Instruments TPA6139A2 Datasheet HTML 8Page - Texas Instruments TPA6139A2 Datasheet HTML 9Page - Texas Instruments TPA6139A2 Datasheet HTML 10Page - Texas Instruments TPA6139A2 Datasheet HTML 11Page - Texas Instruments TPA6139A2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
20
20k
100 200
1k
2k
10k
f - Frequency - Hz
100k 200k
22
20
18
16
14
12
10
8
6
4
2
0
-2
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50
100 200
500
1k
2k
5k
10k
f - Frequency - Hz
-2x gain
-4x gain
-10x gain
TPA6139A2
SLOS700B – JANUARY 2011 – REVISED JUNE 2012
www.ti.com
TYPICAL CHARACTERISTICS, LINE DRIVER (continued)
VDD = 3.3 V, TA = 25°C, RL = 2.5 kΩ, CPUMP = C(VSS) = 10 µF, Gain Step = –2V/V (unless otherwise noted)
Gain
TOTAL HARMONIC DISTORTION
vs
vs
FREQUENCY
FREQUENCY
Figure 5.
Figure 6.
MUTE TO UN-MUTE
UN-MUTE TO MUTE
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :TPA6139A2


Número de pieza similar - TPA6139A2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6139A2PW TI1-TPA6139A2PW Datasheet
1Mb / 28P
[Old version datasheet]   25mW Headphone Amplifier
TPA6139A2PWR TI1-TPA6139A2PWR Datasheet
1Mb / 28P
[Old version datasheet]   25mW Headphone Amplifier
TPA6139A2RGTR TI1-TPA6139A2RGTR Datasheet
1Mb / 28P
[Old version datasheet]   25mW Headphone Amplifier
TPA6139A2RGTT TI1-TPA6139A2RGTT Datasheet
1Mb / 28P
[Old version datasheet]   25mW Headphone Amplifier
TPA6139A2 TI-TPA6139A2_15 Datasheet
967Kb / 23P
[Old version datasheet]   DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
More results

Descripción similar - TPA6139A2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6139A2 TI-TPA6139A2_15 Datasheet
967Kb / 23P
[Old version datasheet]   DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com