Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPIC82000FFER Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPIC82000FFER
Descripción Electrónicos  Tire Pressure Monitoring System TX Module
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC82000FFER Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPIC82000FFER Datasheet HTML 4Page - Texas Instruments TPIC82000FFER Datasheet HTML 5Page - Texas Instruments TPIC82000FFER Datasheet HTML 6Page - Texas Instruments TPIC82000FFER Datasheet HTML 7Page - Texas Instruments TPIC82000FFER Datasheet HTML 8Page - Texas Instruments TPIC82000FFER Datasheet HTML 9Page - Texas Instruments TPIC82000FFER Datasheet HTML 10Page - Texas Instruments TPIC82000FFER Datasheet HTML 11Page - Texas Instruments TPIC82000FFER Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CK
LFIN
LFINB
RESET_TEST
DI
DO
VREG
VDD
GND2
LD
TPIC82000 Series
SLDS189 – MAY 2012
www.ti.com
2
PIN CONFIGURATION AND DESCRIPTIONS
2.1
Pin Configuration
Figure 2-1. Top View from Diaphragm
2.2
Pin Descriptions
PIN
PULL UP-
DESCRIPTION
DOWN
NAME
NO.
TYPE
CK
1
I
Pull down
SPI CK input terminal
LFIN
2
I
 
LF receiver input terminal 1
LFINB
3
I
 
LF receiver input terminal 2
RESET_ TEST
4
I
Pull down
 
H/W reset and Test Mode input terminal
SPI DATA input terminal at EN_UART = 0
DI
5
I
Pull up
UART RXD output terminal at EN_UART = 1
TVO
6
O
 
TVO output terminal
XTAL
7
I
 
XTAL component connection terminal
GND1
8
GND
 
GND (Common GND)
8
PIN CONFIGURATION AND DESCRIPTIONS
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TPIC82000 Series


Número de pieza similar - TPIC82000FFER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC8101 TI-TPIC8101 Datasheet
242Kb / 18P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101 TI-TPIC8101 Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101DW TI-TPIC8101DW Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101DWG4 TI-TPIC8101DWG4 Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101DWR TI-TPIC8101DWR Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
More results

Descripción similar - TPIC82000FFER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
AN238 MICROCHIP-AN238 Datasheet
459Kb / 12P
   Tire Pressure Monitoring (TPM) System
2004
logo
Motorola, Inc
MPXY8021A MOTOROLA-MPXY8021A Datasheet
261Kb / 16P
   Tire Pressure Monitoring Sensor
logo
Infineon Technologies A...
SP30 INFINEON-SP30 Datasheet
376Kb / 14P
   Tire Pressure Monitoring Sensor SP30
Rev.5 2009-06-30
logo
Motorola, Inc
MPXY8000 MOTOROLA-MPXY8000 Datasheet
142Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated
logo
NXP Semiconductors
FXTH871502DT1 NXP-FXTH871502DT1 Datasheet
206Kb / 2P
   Tire Pressure Monitoring Sensors 100-1500 kPa
REV 0
FXTH870502DT1 NXP-FXTH870502DT1 Datasheet
297Kb / 2P
   Tire Pressure Monitoring Sensors 100-900 kPa
REV 3
logo
Infineon Technologies A...
SP40T INFINEON-SP40T Datasheet
2Mb / 71P
   Tire Pressure Monitoring Sensor Quality Requirement Category: Automotive
Revision 1.1 2020-05-14
logo
TOKO, Inc
TK14583V-G TOKO-TK14583V-G Datasheet
180Kb / 2P
   Wide band FM IF IC for remote keyless entry / tire pressure monitoring system
logo
Infineon Technologies A...
SP370-25-116-0 INFINEON-SP370-25-116-0 Datasheet
501Kb / 2P
   Tire Pressure Sensor
06 / 2012
SP370-23-156-0 INFINEON-SP370-23-156-0 Datasheet
550Kb / 2P
   Tire Pressure Sensor
06 / 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com