Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPIC84134TPWPRQ1 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TPIC84134TPWPRQ1
Descripción Electrónicos  LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC84134TPWPRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPIC84134TPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPIC84134TPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPIC84134TPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPIC84134TPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPIC84134TPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPIC84134TPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPIC84134TPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPIC84134TPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPIC84134TPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TPIC84134-Q1
SLDS176 – AUGUST 2010
www.ti.com
TERMINAL FUNCTIONS
NAME
NO.
I/O
DESCRIPTION
VS/2
1
O
VS/2 decoupling point. (Requires a 100nF, 10%, ESR < 50mΩ capacitor)
AT1
2
O
Internal use, connect to ground
AT2
3
O
Internal use, connect to ground
Test
4
I
Internal use, connect to ground
VA
5
I
Analog 5V supply
RBIAS
6
O
Current reference resistor (requires a 62k
Ω, 1%, 50ppm resistor)
GND
7
-
Analog ground
GND
8
-
Digital ground
VD
9
I
Digital 5V supply
CLK_IN
10
I
Input clock signal
SDO
11
O
Serial data out for SPI
SDI
12
I
Serial data in for SPI
SCLK
13
I
Serial clock for SPI
NCS
14
I
Chip select for SPI (active low)
VS
15
I
Supply voltage
Out8
16
O
Output 8
Out7
17
O
Output 7
Pgnd
18
-
Power ground
Out6
19
O
Output 6
Out5
20
O
Output 5
VS
21
I
Supply voltage
VS
22
I
Supply voltage
Out4
23
O
Output 4
Out3
24
O
Output 3
Pgnd
25
-
Power ground
Out2
26
O
Output 2
Out1
27
O
Output 1
VS
28
I
Supply voltage
Thermal Pad
29
-
Must be connected to ground
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPIC84134-Q1


Número de pieza similar - TPIC84134TPWPRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC84134TPWPRQ1 TI1-TPIC84134TPWPRQ1 Datasheet
839Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
More results

Descripción similar - TPIC84134TPWPRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC84125-Q1 TI1-TPIC84125-Q1 Datasheet
839Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
TPIC84125TPWPRQ1 TI-TPIC84125TPWPRQ1 Datasheet
1,022Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
TRF4140-Q1 TI1-TRF4140-Q1 Datasheet
395Kb / 12P
[Old version datasheet]   Abstract Low-Frequency Transceiver for Immobilizer, Passive Start, Passive Entry, and Wireless Charging Systems
logo
Taoglas antenna solutio...
TG080113 TAOGLAS-TG080113 Datasheet
3Mb / 26P
   Monopole Passive Antenna Broadband frequency range for cellular and GNSS
TG.08.0113 TAOGLAS-TG.08.0113 Datasheet
3Mb / 26P
   Monopole Passive Antenna
TG.08.0113-2 TAOGLAS-TG.08.0113-2 Datasheet
8Mb / 62P
   Monopole Passive Antenna
logo
Maxtena Inc.
M1516HCT-GN MAXTENA-M1516HCT-GN Datasheet
827Kb / 4P
   GPS/GLONASS PASSIVE ANTENNA
REV A
MEA-1621-AM MAXTENA-MEA-1621-AM Datasheet
1Mb / 3P
   IRIDIUM CERTIFIED PASSIVE ANTENNA
REV A
MEA-1621 MAXTENA-MEA-1621 Datasheet
442Kb / 3P
   IRIDIUM CERTIFIED PASSIVE ANTENNA
REV A
logo
API Technologies Corp
X2 APITECH-X2 Datasheet
161Kb / 1P
   Passive Frequency Doublers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com