Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPL0202-10 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPL0202-10
Descripción  256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
Descarga  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPL0202-10 Datasheet(HTML) 2 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
SPI INTERFACE
VOLATILE
REGISTERS
NON-VOLATILE
REGISTERS
HA
LA
HB
LB
WA
WB
VDD
GND
SCLK
DIN
CS
TPL0202
SLIS135C – DECEMBER 2010 – REVISED JUNE 2012
www.ti.com
ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER TOP-SIDE MARKING
QFN – RTE
TPL0202-10MRTER
ZUR
–40°C to 85°C
Tape and reel
QFN – RUC
TPL0202-10RUCR
TBD
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Table 1. Summary of Features
Feature
TPL0202-10
# of Potentiometers
2
Digital Interface
SPI
Steps
256
Wiper Memory
Non-Volatile
Taper
Linear
End-to-end Resistance
10k
End-to-end Resistance Tolerance
20%
Wiper Resistance
25
Ω (typ)
Smallest Package Size
MicroQFN (RUC): 4 mm2
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): TPL0202


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn