Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7A1601DGNT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS7A1601DGNT
Descripción Electrónicos  60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A1601DGNT Datasheet(HTML) 5 Page - Texas Instruments

  TPS7A1601DGNT Datasheet HTML 1Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 2Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 3Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 4Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 5Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 6Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 7Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 8Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
2
1
3
4
7
8
6
5
FB/DNC
PG
GND
OUT
EN
NC
DELAY
IN
TPS7A16
www.ti.com
SBVS171A
– DECEMBER 2011 – REVISED DECEMBER 2011
PIN CONFIGURATION
DGN PACKAGE
MSOP-8
(TOP VIEW)
PIN DESCRIPTIONS
TPS7A16xx
NAME
NO.
DESCRIPTION
DELAY
7
Delay pin. Connect a capacitor to GND to adjust the PG delay time; leave open if the reset function is not needed.
Enable pin. This pin turns the regulator on or off.
If VEN ≥ VEN_HI, the regulator is enabled.
EN
5
If VEN ≤ VEN_LO, the regulator is disabled.
If not used, the EN pin can be connected to IN. Make sure that VEN ≤ VIN at all times.
For the adjustable version (TPS7A1601), the feedback pin is the input to the control-loop error amplifier. This pin is
used to set the output voltage of the device when the regulator output voltage is set by external resistors.
FB/DNC
2
For the fixed voltage versions: DO NOT CONNECT to this pin. Do not route this pin to any electrical net, not even
GND or IN.
GND
4
Ground pin.
Regulator input supply pin. A capacitor
> 0.1 µF must be tied from this pin to ground to assure stability. It is
recommended to connect a 10
µF ceramic capacitor from IN to GND (as close to the device as possible) to reduce
IN
8
circuit sensitivity to printed-circuit-board (PCB) layout, especially when long input tracer or high source impedances
are encountered.
NC
6
This pin can be left open or tied to any voltage between GND and IN.
Regulator output pin. A capacitor
> 2.2 µF must be tied from this pin to ground to assure stability. It is recommended
OUT
1
to connect a 10
µF ceramic capacitor from OUT to GND (as close to the device as possible) to maximize AC
performance.
PG
3
Power-good pin. Open collector output; leave open or connect to GND if the power-good function is not needed.
Solder to printed circuit board (PCB) to enhance thermal performance. Although it can be left floating, it is highly
PowerPAD
recommended to connect the PowerPAD to the GND plane.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS7A16


Número de pieza similar - TPS7A1601DGNT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A1601DGNT TI1-TPS7A1601DGNT Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
TPS7A1601DGNT TI-TPS7A1601DGNT Datasheet
1Mb / 32P
[Old version datasheet]   TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
More results

Descripción similar - TPS7A1601DGNT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
945Kb / 26P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
TPS7A16 TI-TPS7A16_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1_17 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A-Q1 TI1-TPS7A16A-Q1 Datasheet
540Kb / 24P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, low-dropout voltage regulator with enable and power-good
TPS7A1650-Q1 TI-TPS7A1650-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1633-Q1 TI-TPS7A1633-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI-TPS7A1601-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A TI-TPS7A16A Datasheet
1Mb / 25P
[Old version datasheet]   TPS7A16A 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
MAY 2022
TPS7A16 TI1-TPS7A16 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
logo
ON Semiconductor
NCV4266-2C ONSEMI-NCV4266-2C Datasheet
86Kb / 11P
   150 mA Low Iq, Low-Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com