Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7A6533QKVURQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS7A6533QKVURQ1
Descripción Electrónicos  300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A6533QKVURQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS7A6533QKVURQ1 Datasheet HTML 7Page - Texas Instruments TPS7A6533QKVURQ1 Datasheet HTML 8Page - Texas Instruments TPS7A6533QKVURQ1 Datasheet HTML 9Page - Texas Instruments TPS7A6533QKVURQ1 Datasheet HTML 10Page - Texas Instruments TPS7A6533QKVURQ1 Datasheet HTML 11Page - Texas Instruments TPS7A6533QKVURQ1 Datasheet HTML 12Page - Texas Instruments TPS7A6533QKVURQ1 Datasheet HTML 13Page - Texas Instruments TPS7A6533QKVURQ1 Datasheet HTML 14Page - Texas Instruments TPS7A6533QKVURQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
30
35
40
45
50
55
0
200
400
600
800
1000
Thermal Pad Area (sq. mm)
KVU (DPAK) (JESD 51-3)
PCB
Thermal Land Pad
Exposed Tab
Thermal Via
(a) Before soldering
(b) After soldering
Ground Plane
TPS7A6533-Q1
TPS7A6550-Q1
www.ti.com
SLVSA98C – MAY 2010 – REVISED JULY 2012
Keeping other factors constant, the surface area of
the thermal land pad contributes to heat dissipation
only to a certain extent. Figure 12 shows the variation
of
θJA with surface area of the thermal land pad
(soldered to the exposed pad) for the KVU package.
Figure 11. Using a Multilayer PCB and Thermal
Vias For Adequate Heat Dissipation
Figure 12.
θJA versus Thermal Pad Area
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS7A6533-Q1 TPS7A6550-Q1


Número de pieza similar - TPS7A6533QKVURQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A6533QKVURQ1 TI1-TPS7A6533QKVURQ1 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, 40-V, Low-Dropout Regulator With 25-UA Quiescent Current
More results

Descripción similar - TPS7A6533QKVURQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_14 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI-TPS7A6201-Q1_15 Datasheet
695Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI1-TPS7A6201-Q1_14 Datasheet
728Kb / 21P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6550-Q1 TI-TPS7A6550-Q1_15 Datasheet
989Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6033-Q1 TI1-TPS7A6033-Q1 Datasheet
929Kb / 25P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI1-TPS7A6201-Q1 Datasheet
728Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, 40-V, Low-Dropout Regulator With 25-UA Quiescent Current
logo
STMicroelectronics
ST732 STMICROELECTRONICS-ST732 Datasheet
721Kb / 21P
   300 mA, 28 V low-dropout voltage regulator, with 5 關A quiescent current
Rev 3 - April 2021
logo
ON Semiconductor
NCP717 ONSEMI-NCP717 Datasheet
549Kb / 16P
   300 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
February, 2015 ??Rev. 7
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com