Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS71H01 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS71H01
Descripción  LOW-DROPOUT VOLTAGE REGULATORS
Descarga  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS71H01 Datasheet(HTML) 2 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
TPS71H01Q, TPS71H33Q, TPS71H48Q, TPS71H50Q
LOW DROPOUT VOLTAGE REGULATORS
SLVS152B − NOVEMBER 1996 − REVISED AUGUST 2002
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
0.1
0.05
0
0
0.05 0.1 0.15 0.2 0.25 0.3
0.15
0.2
0.25
0.35 0.4 0.45 0.5
IO − Output Current − A
TA = 25°C
TPS71H48
TPS71H50
TPS71H33
Figure 1. Dropout Voltage Versus Output Current
Power good (PG) reports low output voltage and can be used to implement a power-on reset or a low-battery
indicator.
The TPS71Hxx is offered in 3.3-V, 4.85-V, and 5-V fixed-voltage versions and in an adjustable version
(programmable over the range of 1.2 V to 9.75 V). Output voltage tolerance is specified as a maximum of 2%
over line, load, and temperature ranges (3% for adjustable version). The TPS71Hxx family is available in a
TSSOP (20-pin) thermally enhanced surface-mount power package. The package has an innovative thermal
pad that, when soldered to the printed-wiring board (PWB), enables the device to dissipate several watts of
power (see Thermal Information section). Maximum height of the package is 1.2 mm.
AVAILABLE OPTIONS
TJ
OUTPUT VOLTAGE
(V)
TSSOP
(PWP)
TJ
MIN
TYP
MAX
(PWP)
4.9
5
5.1
TPS71H50QPWPLE
4.75
4.85
4.95
TPS71H48QPWPLE
−55
°C to 150°C
3.23
3.3
3.37
TPS71H33QPWPLE
−55 C to 150 C
Adjustable†
1.2 V to 9.75 V
TPS71H01QPWPLE
† The PWP package is only available left-end taped and reeled, as indicated
by the LE suffix on the device type. The TPS71H01Q is programmable using
an external resistor divider (see application information).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn