Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS71H01 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS71H01
Descripción Electrónicos  LOW-DROPOUT VOLTAGE REGULATORS
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71H01 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS71H01 Datasheet HTML 26Page - Texas Instruments TPS71H01 Datasheet HTML 27Page - Texas Instruments TPS71H01 Datasheet HTML 28Page - Texas Instruments TPS71H01 Datasheet HTML 29Page - Texas Instruments TPS71H01 Datasheet HTML 30Page - Texas Instruments TPS71H01 Datasheet HTML 31Page - Texas Instruments TPS71H01 Datasheet HTML 32Page - Texas Instruments TPS71H01 Datasheet HTML 33Page - Texas Instruments TPS71H01 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
TPS71H01Q, TPS71H33Q, TPS71H48Q, TPS71H50Q
LOW DROPOUT VOLTAGE REGULATORS
SLVS152B − NOVEMBER 1996 − REVISED AUGUST 2002
30
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
THERMAL INFORMATION
thermally enhanced TSSOP-20 (continued)
If the system implements a TPS71H33QPWP regulator, where VI = 6 V and IO = 500 mA, the internal power
dissipation is:
P
D(total) +
V
I *
V
O
I
O +
(6
* 3.3)
0.5
+ 1.35 W
Comparing PD(total) with PD(max) reveals that the power dissipation in this example does not exceed the
calculated limit. When it does, one of two corrective actions should be made: raising the power-dissipation limit
by increasing the airflow or the heat-sink area, or lowering the internal power dissipation of the regulator by
reducing the input voltage or the load current. In either case, the above calculations should be repeated with
the new system parameters.
mounting information
Since the thermal pad is not a primary connection for an electrical signal, the importance of the electrical
connection is not significant. The primary requirement is to complete the thermal contact between the thermal
pad and the PWB metal. The thermal pad is a solderable surface and is fully intended to be soldered at the time
the component is mounted. Although voiding in the thermal-pad solder-connection is not desirable, up to 50%
voiding is acceptable. The data included in Figures 47 and 48 is for soldered connections with voiding between
20% and 50%. The thermal analysis shows no significant difference resulting from the variation in voiding
percentage.
Figure 50 shows the solder-mask land pattern for
the PWP package. The minimum recommended
heat-sink area is also illustrated. This is simply a
copper plane under the body extent of the
package, including metal routed under terminals
1, 2, 9, 10, 11, 12, 19, and 20.
reliability information
This section includes demonstrated reliability test
results obtained from the qualification program.
Accelerated tests are performed at high-stress
conditions so that product reliability can be
established during a relatively short test duration.
Specific stress conditions are chosen to represent
accelerated
versions
of
various
device-
application environments and allow meaningful
extrapolation to normal operating conditions.
component level reliability test results
preconditioning
Preconditioning of components prior to reliability testing is employed to simulate the actual board assembly
process used by the customer. This ensures that reliability test results are more representative of those that
would be seen in the final application. The general form of the preconditioning sequence includes a moisture
soak followed by multiple vapor-phase-reflow or infrared-reflow solder exposures. All components used in the
following reliability tests were preconditioned in accordance with JEDEC Test Method A113 for Level 1 (not
moisture-sensitive) products.
Figure 50. PWP Package Land Pattern
1.2 mm
0.65 mm
0.27 mm
5.72 mm
Location of Exposed
Thermal Pad on
PWP Package
Minimum Recommended
Heat-Sink Area


Número de pieza similar - TPS71H01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI1-TPS71H01Q Datasheet
1Mb / 46P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01QPWP TI-TPS71H01QPWP Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01QPWPLE TI-TPS71H01QPWPLE Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01QPWPR TI-TPS71H01QPWPR Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Descripción similar - TPS71H01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com