Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2047BDRG4 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TPS2047BDRG4
Descripción Electrónicos  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2047BDRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2047BDRG4 Datasheet HTML 1Page - Texas Instruments TPS2047BDRG4 Datasheet HTML 2Page - Texas Instruments TPS2047BDRG4 Datasheet HTML 3Page - Texas Instruments TPS2047BDRG4 Datasheet HTML 4Page - Texas Instruments TPS2047BDRG4 Datasheet HTML 5Page - Texas Instruments TPS2047BDRG4 Datasheet HTML 6Page - Texas Instruments TPS2047BDRG4 Datasheet HTML 7Page - Texas Instruments TPS2047BDRG4 Datasheet HTML 8Page - Texas Instruments TPS2047BDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATING RATING TABLE
TPS2045B, TPS2055B
TPS2046B, TPS2047B
SLVS532C – JULY 2004 – REVISED OCTOBER 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
RECOMMENDED
TYPICAL
MAXIMUM
SHORT-CIRCUIT
NUMBER
PACKAGED
TA
ENABLE
CONTINUOUS
CURRENT LIMIT
OF
DEVICES
(1)
LOAD CURRENT
AT 25
°C
SWITCHES
(A)
(A)
SOIC (D)
TPS4045BD
Active low
0.25
0.5
Single
SOT-23 (DBV)
TPS4045BDBV
SOIC (D)
TPS4055BD
–40
°C to 85°C
Active high
0.25
0.5
Single
SOT-23 (DBV)
TPS4055BDBV
Dual
SOIC (D)
TPS2046BD
Active low
0.25
0.5
Triple
SOIC (D)
TPS2047BD
(1)
The D package is available taped and reeled. Add an R suffix to device type (e.g., TPS2046BDR)
over operating free-air temperature range unless otherwise noted
(1)
UNIT
VI(IN), VI(INx)
Input voltage range(2)
–0.3 V to 6 V
VO(OUTx)
Output voltage range (2)
–0.3 V to 6 V
VI(/ENx)
Input voltage range
–0.3 V to 6 V
VI(/OCx)
Voltage range
–0.3 V to 6 V
IO(OUTx)
Continuous output current
Internally limited
Continuous total power dissipation
See Dissipation Rating Table
TJ
Operating virtual junction temperature range
–40
°C to 125°C
Tstg
Storage temperature range
–65
°C to 150°C
Human body model MIL-STD-883C
2 kV
ESD
Electrostatic discharge protection
Charge device model (CDM)
500 V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND.
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
D-8
585.82 mW
5.8582 mW/
°C
322.2 mW
234.32 mW
D-16
898.47 mW
8.9847 mW/
°C
494.15 mW
359.38 mW
DBV-5
308.6419 mW
3.086419 mW/
°C
169.753 mW
123.4567 mW
2
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS2045B TPS2055B TPS2046B TPS2047B


Número de pieza similar - TPS2047BDRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2047B TI1-TPS2047B Datasheet
881Kb / 30P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Descripción similar - TPS2047BDRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com