Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2811-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2811-Q1
Descripción Electrónicos  DUAL HIGH-SPEED MOSFET DRIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2811-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2811-Q1 Datasheet HTML 6Page - Texas Instruments TPS2811-Q1 Datasheet HTML 7Page - Texas Instruments TPS2811-Q1 Datasheet HTML 8Page - Texas Instruments TPS2811-Q1 Datasheet HTML 9Page - Texas Instruments TPS2811-Q1 Datasheet HTML 10Page - Texas Instruments TPS2811-Q1 Datasheet HTML 11Page - Texas Instruments TPS2811-Q1 Datasheet HTML 12Page - Texas Instruments TPS2811-Q1 Datasheet HTML 13Page - Texas Instruments TPS2811-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
1
.5
0
4
6
8
10
1.5
2
2.5
12
14
PEAK SINK CURRENT
vs
SUPPLY VOLTAGE
VCC − Supply Voltage − V
RL = 0.5 Ω
f = 100 kHz
Duty Cycle = 5%
TA = 25°C
3
2
1
0
10
8
6
4
4
5
6
2
0
SHOOT-THROUGH CURRENT
vs
INPUT VOLTAGE, HIGH-TO-LOW
VI − Input Voltage, High-to-Low − V
VCC = 10 V
CL = 0
TA = 25°C
3
2
1
0
2
4
6
4
5
6
8
10
SHOOT-THROUGH CURRENT
vs
INPUT VOLTAGE, LOW-TO-HIGH
VI − Input Voltage, Low-to-High − V
VCC = 10 V
CL = 0
TA = 25°C
0
TPS2811-Q1
SLVSAE0 – JUNE 2010
www.ti.com
Figure 16.
Figure 17.
Figure 18.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2811-Q1


Número de pieza similar - TPS2811-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
TPS2811D TI-TPS2811D Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
TPS2811D TI1-TPS2811D Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
TPS2811DG4 TI1-TPS2811DG4 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
TPS2811DR TI1-TPS2811DR Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
More results

Descripción similar - TPS2811-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Supertex, Inc
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
   HIGH SPEED DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1211 SUTEX-MD1211 Datasheet
377Kb / 4P
   High Speed, Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com