Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS43350QDAPRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS43350QDAPRQ1
Descripción Electrónicos  LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS43350QDAPRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS43350QDAPRQ1 Datasheet HTML 1Page - Texas Instruments TPS43350QDAPRQ1 Datasheet HTML 2Page - Texas Instruments TPS43350QDAPRQ1 Datasheet HTML 3Page - Texas Instruments TPS43350QDAPRQ1 Datasheet HTML 4Page - Texas Instruments TPS43350QDAPRQ1 Datasheet HTML 5Page - Texas Instruments TPS43350QDAPRQ1 Datasheet HTML 6Page - Texas Instruments TPS43350QDAPRQ1 Datasheet HTML 7Page - Texas Instruments TPS43350QDAPRQ1 Datasheet HTML 8Page - Texas Instruments TPS43350QDAPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
VBAT
VBUCKA
Reverse
Battery
MOSFET
Control
Internal
VREG
VBUCKB
ENB
ENA
SYNC
DLYAB
SSA
SSA
SoftStart
Buck
Enalbe
External
Sync
RCOSC
TPS43350-Q1
TPS43351-Q1
www.ti.com
SLVSAR7B – JUNE 2011 – REVISED MAY 2012
LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
Check for Samples: TPS43350-Q1, TPS43351-Q1
1
FEATURES
2
Qualified for Automotive Applications
Frequency Spread Spectrum (TPS43351-Q1)
AEC-Q100 Test Guidance With the Following
Selectable Forced Continuous Mode or
Results:
Automatic Low-Power Mode at Light Loads
Device Temperature Grade 1: –40°C to
Sense Resistor or Inductor DCR Sensing
125°C Ambient Operating Temperature
Out-of-Phase Switching Between Buck
Device HBM ESD Classification Level H2
Channels
Device HBM CDM Classification Level C2
Peak Gate Drive Current 1.5 A
Two Synchronous Buck Controllers
Thermally Enhanced, 38-Pin HTSSOP (DAP)
PowerPAD™ Package
Input Range up to 40 V, (Transients up to 60 V)
Low-Power Mode IQ: 30 µA (One Buck On),
APPLICATIONS
35 µA (Two Bucks On)
Automotive Infotainment, Navigation, and
Low Shutdown Current Ish < 4 µA
Instrument Cluster Systems
Buck Output Range 0.9 V to 11 V
Industrial/Automotive Multi-Rail DC Power
Programmable Frequency and External
Distribution Systems and Electronic Control
Synchronization Range 150 kHz to 600 kHz
Units
Separate Enable Inputs (ENA, ENB)
DESCRIPTION
The TPS43350-Q1 and TPS43351-Q1 include two current-mode synchronous buck controllers designed for the
harsh environment in automotive applications. The part is ideally suited for a multi-rail system with low quiescent
requirements, as the part automatically operates in low-power mode (consuming only 30 µA) at light loads. The
part offers protection features such as thermal, soft-start, and overcurrent protection. During short-circuit
conditions of the regulator output, the current through the MOSFETs can be limited for power dissipation by
activation of the current foldback feature. The two independent soft-start inputs allow ramp-up of the output
voltage independently during start-up.
The switching frequency can be programmed over 150 kHz to 600 kHz or synchronized to an external clock in
the same range. Additionally, the TPS43351-Q1 offers frequency-hopping spread-spectrum operation.
spacer
Figure 1. Typical Application Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS43350QDAPRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS43350-Q1 TI-TPS43350-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
More results

Descripción similar - TPS43350QDAPRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS43350-Q1 TI-TPS43350-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43335-Q1 TI1-TPS43335-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43333-Q1 TI1-TPS43333-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330A-Q1 TI1-TPS43330A-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Texas Instruments
TPS43337-Q1 TI1-TPS43337-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW IQ, SINGLE-BOOST, FIXED-VOLTAGE DUAL SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com