Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS51219RTET Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS51219RTET
Descripción Electrónicos  High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51219RTET Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS51219RTET Datasheet HTML 6Page - Texas Instruments TPS51219RTET Datasheet HTML 7Page - Texas Instruments TPS51219RTET Datasheet HTML 8Page - Texas Instruments TPS51219RTET Datasheet HTML 9Page - Texas Instruments TPS51219RTET Datasheet HTML 10Page - Texas Instruments TPS51219RTET Datasheet HTML 11Page - Texas Instruments TPS51219RTET Datasheet HTML 12Page - Texas Instruments TPS51219RTET Datasheet HTML 13Page - Texas Instruments TPS51219RTET Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
0
100
200
300
400
500
600
700
800
0
2
4
6
8
10
12
14
16
18
20
Output Current (A)
RMODE = 100 kΩ
VIN = 12 V
VOUT = 1.05 V
L = 0.56 µH
0
100
200
300
400
500
600
700
800
0
2
4
6
8
10
12
14
16
18
20
Output Current (A)
RMODE = 200 kΩ
VIN = 12 V
VOUT = 1.05 V
L = 0.56 µH
0
100
200
300
400
500
600
700
800
0
2
4
6
8
10
12
14
16
18
20
Output Current (A)
RMODE = 1 kΩ
VIN = 12 V
VOUT = 1.05 V
L = 0.45 µH
0
100
200
300
400
500
600
700
800
0
2
4
6
8
10
12
14
16
18
20
Output Current (A)
RMODE = 12 kΩ
VIN = 12 V
VOUT = 1.05 V
L = 0.36 µH
1.030
1.035
1.040
1.045
1.050
1.055
1.060
1.065
1.070
0
2
4
6
8
10
12
14
16
18
20
1.05−V Output Current (A)
RMODE = 1 kΩ
VIN = 12 V
G001
1.030
1.035
1.040
1.045
1.050
1.055
1.060
1.065
1.070
6
8
10
12
14
16
18
20
22
Input Voltage (V)
IOUT = 0 A
IOUT = 10 A
RMODE = 1 kΩ
G001
TPS51219
SLUSAG1B
– MARCH 2011 – REVISED OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS
Figure 11 and Figure 12 refer to the application schematic in Figure 33.
Figure 7. Switching Frequency vs Load Current
Figure 8. Switching Frequency vs Load Current
Figure 9. Switching Frequency vs Load Current
Figure 10. Switching Frequency vs Load Current
Figure 11. 1.05-V Output Load Regulation
Figure 12. 1.05-V Output Line Regulation
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Número de pieza similar - TPS51219RTET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51219 TI1-TPS51219 Datasheet
1Mb / 38P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219 TI1-TPS51219_14 Datasheet
1Mb / 38P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219 TI-TPS51219_15 Datasheet
1Mb / 39P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
More results

Descripción similar - TPS51219RTET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51219 TI-TPS51219_15 Datasheet
1Mb / 39P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219 TI1-TPS51219_14 Datasheet
1Mb / 38P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
   High Performance, Single Synchronous Step-Down Controller
logo
Texas Instruments
TPS53819A TI-TPS53819A Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
logo
Linear Technology
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
   High Voltage Synchronous Step-Down Controller
logo
Texas Instruments
TPS53819A TI-TPS53819A_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS53819A High-Performance, Eco-mode?? Single Synchronous Step-Down Controller with PMBus?
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Texas Instruments
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com