Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISLA214P13 Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISLA214P13
Descripción Electrónicos  High Performance 14-Bit, 125MSPS ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA214P13 Datasheet(HTML) 3 Page - Intersil Corporation

  ISLA214P13 Datasheet HTML 1Page - Intersil Corporation ISLA214P13 Datasheet HTML 2Page - Intersil Corporation ISLA214P13 Datasheet HTML 3Page - Intersil Corporation ISLA214P13 Datasheet HTML 4Page - Intersil Corporation ISLA214P13 Datasheet HTML 5Page - Intersil Corporation ISLA214P13 Datasheet HTML 6Page - Intersil Corporation ISLA214P13 Datasheet HTML 7Page - Intersil Corporation ISLA214P13 Datasheet HTML 8Page - Intersil Corporation ISLA214P13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
ISLA214P12
3
FN7982.2
June 27, 2012
Pin Descriptions - 72 Ld QFN, LVDS Mode
PIN NUMBER
LVDS PIN NAME
LVDS PIN FUNCTION
DDR MODE COMMENTS
1, 2, 16, 17
DNC
Do Not Connect
6, 13, 19, 20, 21, 70, 71,
72
AVDD
1.8V Analog Supply
5, 7, 12, 14
AVSS
Analog Ground
27, 32, 62
OVDD
1.8V Output Supply
26, 45, 61, 65
OVSS
Output Ground
3
NAPSLP
Tri-Level Power Control (Nap, Sleep modes)
4
VCM
Common Mode Output
8, 9
VINN
Analog Input Negative
10, 11
VINP
Analog Input Positive
15
CLKDIV
Tri-Level Clock Divider Control
18
RESETN
Power On Reset (Active Low)
22, 23
CLKP, CLKN
Clock Input True, Complement
24, 25
CLKDIVRSTP, CLKDIVRSTN
Synchronous Clock Divider Reset True, Complement
28
D13N
LVDS Bit 13(MSB) Output Complement
NC in DDR Mode
29
D13P
LVDS Bit 13 (MSB) Output True
NC in DDR Mode
30
D12N
LVDS Bit 12 Output Complement
DDR Logical Bits 12, 13
31
D12P
LVDS Bit 12 Output True
DDR Logical Bits 12, 13
33
D11N
LVDS Bit 11 Output Complement
NC in DDR Mode
34
D11P
LVDS Bit 11 Output True
NC in DDR Mode
35
D10N
LVDS Bit 10 Output Complement
DDR Logical Bits 10, 11
36
D10P
LVDS Bit 10 Output True
DDR Logical Bits 10, 11
37
D9N
LVDS Bit 9 Output Complement
NC in DDR Mode
38
D9P
LVDS Bit 9 Output True
NC in DDR Mode
39
D8N
LVDS Bit 8 Output Complement
DDR Logical Bits 8, 9
40
D8P
LVDS Bit 8 Output True
DDR Logical Bits 8, 9
41
D7N
LVDS Bit 7 Output Complement
NC in DDR Mode
42
D7P
LVDS Bit 7 Output True
NC in DDR Mode
43
D6N
LVDS Bit 6 Output Complement
DDR Logical Bits 6, 7
44
D6P
LVDS Bit 6 Output True
DDR Logical Bits 6, 7
46
RLVDS
LVDS Bias Resistor (Connect to OVSS with 1% 10k
Ω)
47, 48
CLKOUTN, CLKOUTP
LVDS Clock Output Complement, True
49
D5N
LVDS Bit 5 Output Complement
NC in DDR Mode
50
D5P
LVDS Bit 5 Output True
NC in DDR Mode
51
D4N
LVDS Bit 4 Output Complement
DDR Logical Bits 4, 5
52
D4P
LVDS Bit 4 Output True
DDR Logical Bits 4, 5
53
D3N
LVDS Bit 3 Output Complement
NC in DDR Mode
54
D3P
LVDS Bit 3 Output True
NC in DDR Mode
55
D2N
LVDS Bit 2 Output Complement
DDR Logical Bits 2, 3
56
D2P
LVDS Bit 2 Output True
DDR Logical Bits 2, 3
57
D1N
LVDS Bit 1 Output Complement
NC in DDR Mode
58
D1P
LVDS Bit 1 True
NC in DDR Mode


Número de pieza similar - ISLA214P13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISLA214P13 INTERSIL-ISLA214P13 Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA214P13 RENESAS-ISLA214P13 Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA214P13 INTERSIL-ISLA214P13 Datasheet
1Mb / 37P
   14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA214P13 INTERSIL-ISLA214P13 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA214P13 INTERSIL-ISLA214P13 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Descripción similar - ISLA214P13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISLA214P12IRZ INTERSIL-ISLA214P12IRZ Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
June 27, 2012
logo
Renesas Technology Corp
ISLA214P12 RENESAS-ISLA214P12 Datasheet
1Mb / 34P
   High Performance 14-Bit, 125MSPS ADC
ISLA224P12 RENESAS-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
logo
Intersil Corporation
ISLA224P12 INTERSIL-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5514P-25Q72 INTERSIL-KAD5514P-25Q72 Datasheet
802Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
KAD5512HP_0910 INTERSIL-KAD5512HP_0910 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP INTERSIL-KAD5512HP Datasheet
514Kb / 30P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com