Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54229E Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54229E
Descripción Electrónicos  4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54229E Datasheet(HTML) 1 Page - Texas Instruments

  TPS54229E Datasheet HTML 1Page - Texas Instruments TPS54229E Datasheet HTML 2Page - Texas Instruments TPS54229E Datasheet HTML 3Page - Texas Instruments TPS54229E Datasheet HTML 4Page - Texas Instruments TPS54229E Datasheet HTML 5Page - Texas Instruments TPS54229E Datasheet HTML 6Page - Texas Instruments TPS54229E Datasheet HTML 7Page - Texas Instruments TPS54229E Datasheet HTML 8Page - Texas Instruments TPS54229E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TPS54229EDDA
Vout = 50 mV/div
Iout = 1 A/div
t - Time - 10
s
m
TPS54229E
www.ti.com
SLVSAZ7A – SEPTEMBER 2011 – REVISED MARCH 2012
4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode™
Check for Samples: TPS54229E
1
FEATURES
DESCRIPTION
The TPS54229E is an adaptive on-time D-CAP2™
23
D-CAP2™ Mode Enables Fast Transient
mode synchronous buck converter. The TPS54229E
Response
enables system designers to complete the suite of
Low Output Ripple and Allows Ceramic Output
various end-equipment power bus regulators with a
Capacitor
cost effective, low component count, low standby
current solution. The main control loop for the
Wide VIN Input Voltage Range: 4.5 V to 18 V
TPS54229E uses the D-CAP2™ mode control that
Output Voltage Range: 0.76 V to 7.0 V
provides a fast transient response with no external
Highly Efficient Integrated FETs Optimized
compensation components. The adaptive on-time
for Lower Duty Cycle Applications
control supports seamless transition between PWM
– 160 m
Ω (High Side) and 110 mΩ (Low Side)
mode at higher load conditions and Eco-mode™
operation at light loads. Eco-mode™ allows the
High Efficiency, less than 10
μA at shutdown
TPS54229E to maintain high efficiency during lighter
High Initial Bandgap Reference Accuracy
load
conditions.
The
TPS54229E
also
has
a
Adjustable Soft Start
proprietary circuit that enables the device to adopt to
both low equivalent series resistance (ESR) output
Pre-Biased Soft Start
capacitors, such as POSCAP or SP-CAP, and ultra-
650-kHz Switching Frequency (fSW)
low ESR ceramic capacitors. The device operates
Cycle By Cycle Over Current Limit
from 4.5-V to 18-V VIN input. The output voltage can
be programmed between 0.76 V and 7 V. The device
Auto-Skip Eco-mode™ for High Efficiency at
also features an adjustable soft start time. The
Light Load
TPS54229E is available in the 8-pin DDA package,
and designed to operate from –40°C to 85°C.
APPLICATIONS
Wide Range of Applications for Low Voltage
System
Digital TV Power Supply
High Definition Blu-ray Disc™ Players
Networking Home Terminal
Digital Set Top Box (STB)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP2, Eco-mode are trademarks of Texas Instruments.
3
Blu-ray Disc is a trademark of Blu-ray Disc Association.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS54229E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54229E TI-TPS54229E_15 Datasheet
741Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
More results

Descripción similar - TPS54229E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54229E TI-TPS54229E_15 Datasheet
741Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS54226 TI1-TPS54226_17 Datasheet
1Mb / 32P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
TPS54226 TI1-TPS54226_12 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI-TPS54226_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI1-TPS54329E Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54628 TI-TPS54628 Datasheet
1,006Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS56628 TI1-TPS56628 Datasheet
1Mb / 23P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com