Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54233-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54233-Q1
Descripción Electrónicos  2-A, 28-V INPUT, STEP-DOWN DC/DC CONVERTER WITH ECO-MODE?
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54233-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54233-Q1 Datasheet HTML 7Page - Texas Instruments TPS54233-Q1 Datasheet HTML 8Page - Texas Instruments TPS54233-Q1 Datasheet HTML 9Page - Texas Instruments TPS54233-Q1 Datasheet HTML 10Page - Texas Instruments TPS54233-Q1 Datasheet HTML 11Page - Texas Instruments TPS54233-Q1 Datasheet HTML 12Page - Texas Instruments TPS54233-Q1 Datasheet HTML 13Page - Texas Instruments TPS54233-Q1 Datasheet HTML 14Page - Texas Instruments TPS54233-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
REF
OUT
REF
R5
V
R6 =
V
V
´
-
OUT
REF
R5
V
= V
+1
R6
é
ù
´
ê
ú
ë
û
TPS54233-Q1
www.ti.com
SLUSAZ7A – MARCH 2012 – REVISED MARCH 2012
STEP BY STEP DESIGN PROCEDURE
The following design procedure can be used to select component values for the TPS54233-Q1. Alternately, the
SwitcherPro™Software may be used to generate a complete design. The SwitcherPro™ Software uses an
iterative design procedure and accesses a comprehensive database of components when generating a design.
This section presents a simplified discussion of the design process.
To begin the design process a few parameters must be decided upon. The designer needs to know the following:
Input voltage range
Output voltage
Input ripple voltage
Output ripple voltage
Output current rating
Operating frequency
For this design example, use the following as the input parameters
Table 3. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
8 V to 18 V
Output voltage
3.3 V
Input ripple voltage
300 mV
Output ripple voltage
100 mV
Output current rating
2 A
Operating Frequency
300 kHz
SWITCHING FREQUENCY
The switching frequency for the TPS54233-Q1 is fixed at 300 kHz.
OUTPUT VOLTAGE SET POINT
The output voltage of the TPS54233-Q1 is externally adjustable using a resistor divider network. In the
application circuit of Figure 12, this divider network is comprised of R5 and R6. The relationship of the output
voltage to the resistor divider is given by Equation 4 and Equation 5:
(4)
(5)
Choose R5 to be approximately 10 k
Ω. Slightly increasing or decreasing R5 can result in closer output voltage
matching when using standard value resistors. In this design, R5 = 10.2 k
Ω and R6 = 3.24 kΩ, resulting in a
3.31 V output voltage.
INPUT CAPACITORS
The TPS54233-Q1 requires an input decoupling capacitor and depending on the application, a bulk input
capacitor. The typical recommended value for the decoupling capacitor is 10
μF. A high-quality ceramic type X5R
or X7R is recommended. The voltage rating should be greater than the maximum input voltage. A smaller value
may be used as long as all other requirements are met; however 10
μF has been shown to work well in a wide
variety of circuits. Additionally, some bulk capacitance may be needed, especially if the TPS54233-Q1 circuit is
not located within about 2 inches from the input voltage source. The value for this capacitor is not critical but
should be rated to handle the maximum input voltage including ripple voltage, and should filter the output so that
input ripple voltage is acceptable. For this design two 4.7
μF capacitors are used for the input decoupling
capacitor. They are X7R dielectric rated for 50 V. The equivalent series resistance (ESR) is approximately 2 m
Ω,
and the current rating is 3 A. Additionally, a small 0.01
μF capacitor is included for high frequency filtering.
This input ripple voltage can be approximated by Equation 6
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS54233-Q1


Número de pieza similar - TPS54233-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54233-Q1 TI-TPS54233-Q1 Datasheet
841Kb / 29P
[Old version datasheet]   TPS54233 2A, 28V Input, Step Down DC/DC Converter With Eco-mode?
More results

Descripción similar - TPS54233-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54231 TI1-TPS54231_16 Datasheet
767Kb / 31P
[Old version datasheet]   2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode
TPS54231 TI-TPS54231_15 Datasheet
667Kb / 31P
[Old version datasheet]   TPS54231 2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode?
TPS54331 TI-TPS54331_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode?
TPS54331 TI1-TPS54331_16 Datasheet
1Mb / 36P
[Old version datasheet]   TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode
TPS54331-Q1 TI1-TPS54331-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-A, 28-V INPUT, STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-Mode?
TPS54531 TI-TPS54531_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS54531 5-A, 28-V Input, Step-Down SWIFT??DC-DC Converter With Eco-mode?
TPS54232 TI-TPS54232_15 Datasheet
650Kb / 31P
[Old version datasheet]   TPS54232 2-A, 28-V, 1-MHz, Step-Down DC-DC Converter With Eco-Mode?
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360_1212 TI1-TPS54360_1212 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com