Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54610MPWPREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54610MPWPREP
Descripción Electrónicos  3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54610MPWPREP Datasheet(HTML) 4 Page - Texas Instruments

  TPS54610MPWPREP Datasheet HTML 1Page - Texas Instruments TPS54610MPWPREP Datasheet HTML 2Page - Texas Instruments TPS54610MPWPREP Datasheet HTML 3Page - Texas Instruments TPS54610MPWPREP Datasheet HTML 4Page - Texas Instruments TPS54610MPWPREP Datasheet HTML 5Page - Texas Instruments TPS54610MPWPREP Datasheet HTML 6Page - Texas Instruments TPS54610MPWPREP Datasheet HTML 7Page - Texas Instruments TPS54610MPWPREP Datasheet HTML 8Page - Texas Instruments TPS54610MPWPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.ti.com
DISSIPATION RATINGS
(1) (2)
ELECTRICAL CHARACTERISTICS
TPS54610-EP
SGLS294A – FEBRUARY 2005 – REVISED AUGUST 2007
THERMAL IMPEDANCE
TA = 25°C
TA = 70°C
TA = 85°C
PACKAGE
JUNCTION-TO-AMBIENT
POWER RATING
POWER RATING
POWER RATING
28-pin PWP with solder
18.2
°C/W
5.49 W(3)
3.02 W
2.20 W
28-pin PWP without solder
40.5
°C/W
2.48 W
1.36 W
0.99 W
(1)
For more information on the PWP package, see the Texas Instruments technical brief SLMA002.
(2)
Test board conditions:
a. 3 inch x 3 inch, 4 layers, thickness: 0.062 inch
b. 1.5 oz. copper traces located on the top of the PCB
c. 1.5 oz. copper ground plane on the bottom of the PCB
d. 0.5 oz. copper ground planes on the two internal layers
e. 12 thermal vias (see Recommended Land Pattern in the Application Information section of this data sheet.
(3)
Maximum power dissipation may be limited by overcurrent protection.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE, VINL
Input voltage range, VIN
3
6
V
fs = 350 kHz, FSEL ≤ 0.8 V, RT open, PH pin
9.8
19
open
I(Q)
Quiescent current
fs = 550 kHz, FSEL ≥ 2.5 V, RT open, PH pin
mA
14
25
open
Shutdown, SS/ENA = 0 V
1
1.4
UNDER VOLTAGE LOCK OUT
Start threshold voltage, UVLO
2.95
3
V
Stop threshold voltage, UVLO
2.7
2.8
V
Hysteresis voltage, UVLO
0.12
0.16
V
Rising and falling edge deglitch, UVLO(1)
2.5
µs
BIAS VOLTAGE
Output voltage, VBIAS
I(VBIAS) = 0
2.7
2.8
2.95
V
Output current, VBIAS(2)
100
A
CUMULATIVE REFERENCE
Vref
Accuracy (1)
0.882
0.891
0.9
V
REGULATION
IL = 3 A, fs = 350 kHz, TJ = 85°C
0.07
Line regulation(1) (3)
%/V
IL = 3 A, fs = 550 kHz, TJ = 85°C
0.07
IL = 0 A to 6 A, fs = 350 kHz, TJ = 85°C
0.03
Load regulation(1) (3)
%/A
IL = 0 A to 6 A, fs = 550 kHz, TJ = 85°C
0.03
OSCILLATOR
FSEL
≤ 0.8 V, RT open
270
350
425
Internally set—free-running frequency
kHz
FSEL
≥ 2.5 V, RT open
415
550
662
Externally set—free-running frequency
RT = 180 k
Ω (1% resistor to AGND)(1)
245
280
315
range
RT = 160 k
Ω (1% resistor to AGND)(1)
285
312
360
kHz
RT = 68 k
Ω (1% resistor to AGND)(1)
655
700
773
High-level threshold, FSEL
2.5
V
Low-level threshold, FSEL
0.8
V
Pulse duration, external synchronization,
50
ns
FSEL(1)
Frequency range, FSEL(1)
330
700
kHz
(1)
Specified by design
(2)
Static resistive loads only
(3)
Specified by the circuit used in Figure 10.
4
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS54610-EP


Número de pieza similar - TPS54610MPWPREP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54610 TI-TPS54610 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54610 TI-TPS54610 Datasheet
976Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610-Q1 TI1-TPS54610-Q1 Datasheet
546Kb / 23P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610PWP TI-TPS54610PWP Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
More results

Descripción similar - TPS54610MPWPREP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610PWPR TI-TPS54610PWPR Datasheet
1,019Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54612MPWPREP TI-TPS54612MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610-Q1 TI1-TPS54610-Q1 Datasheet
546Kb / 23P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610 TI-TPS54610_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS54610 3-V to 6-V Input, 6-A Output Synchronous Buck PWM Switcher with Integrated FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com