Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54610QPWPRG4Q1 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS54610QPWPRG4Q1
Descripción Electrónicos  3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54610QPWPRG4Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54610QPWPRG4Q1 Datasheet HTML 1Page - Texas Instruments TPS54610QPWPRG4Q1 Datasheet HTML 2Page - Texas Instruments TPS54610QPWPRG4Q1 Datasheet HTML 3Page - Texas Instruments TPS54610QPWPRG4Q1 Datasheet HTML 4Page - Texas Instruments TPS54610QPWPRG4Q1 Datasheet HTML 5Page - Texas Instruments TPS54610QPWPRG4Q1 Datasheet HTML 6Page - Texas Instruments TPS54610QPWPRG4Q1 Datasheet HTML 7Page - Texas Instruments TPS54610QPWPRG4Q1 Datasheet HTML 8Page - Texas Instruments TPS54610QPWPRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
6,4 mm X 9,7 mm
Typical Size
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
TPS54610-Q1
SLVS726 – JANUARY 2007
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM
SWITCHER WITH INTEGRATED FETs (SWIFT™)
• Qualified for Automotive Applications
As a member of the SWIFT™ family of dc/dc
regulators,
the
TPS54610
low-input
voltage
• 30-mΩ, 12-A Peak MOSFET Switches for High
high-output
current
synchronous
buck
PWM
Efficiency at 6-A Continuous Output Source
converter integrates all required active components.
or Sink Current
Included on the substrate with the listed features are
• Adjustable Output Voltage Down to 0.9 V With
a true, high-performance, voltage error amplifier that
1.0% Accuracy
enables maximum performance and flexibility in
• Wide PWM Frequency: Fixed 350 kHz, 550 kHz
choosing the output filter L and C components; an
under-voltage-lockout circuit to prevent start-up until
or Adjustable 280 kHz to 700 kHz
the input voltage reaches 3 V; an internally or
• Synchronizable to 700 kHz
externally
set
slow-start
circuit
to
limit
inrush
• Load Protected by Peak Current Limit and
currents; and a power good output, useful for
Thermal Shutdown
processor/logic reset, fault signaling, and supply
sequencing.
• Integrated Solution Reduces Board Area and
Component Count
The TPS54610 is available in a thermally enhanced
• SWIFT Documentation, Application Notes, and
28-pin TSSOP (PWP) PowerPAD™ package, which
eliminates bulky heatsinks. TI provides evaluation
Design Software: www.ti.com/swift
modules and the SWIFT™ designer software tool to
aid in quickly achieving high-performance power
supply
designs
to
meet
aggressive
equipment
• Low-Voltage, High-Density Distributed Power
development cycles.
Systems
• Point of Load Regulation for High
Performance DSPs, FPGAs, ASICs, and
Microprocessors
• Broadband, Networking, and Optical
Communications Infrastructure
• Portable Computing/Notebook PCs
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SWIFT, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS54610QPWPRG4Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54610 TI-TPS54610 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54610 TI-TPS54610 Datasheet
976Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610-EP TI1-TPS54610-EP Datasheet
829Kb / 24P
[Old version datasheet]   3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610MPWPREP TI1-TPS54610MPWPREP Datasheet
829Kb / 24P
[Old version datasheet]   3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results

Descripción similar - TPS54610QPWPRG4Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610PWPR TI-TPS54610PWPR Datasheet
1,019Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610-EP TI1-TPS54610-EP Datasheet
829Kb / 24P
[Old version datasheet]   3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54612MPWPREP TI-TPS54612MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610 TI-TPS54610_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS54610 3-V to 6-V Input, 6-A Output Synchronous Buck PWM Switcher with Integrated FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com