Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61071-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61071-Q1
Descripción Electrónicos  90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61071-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61071-Q1 Datasheet HTML 1Page - Texas Instruments TPS61071-Q1 Datasheet HTML 2Page - Texas Instruments TPS61071-Q1 Datasheet HTML 3Page - Texas Instruments TPS61071-Q1 Datasheet HTML 4Page - Texas Instruments TPS61071-Q1 Datasheet HTML 5Page - Texas Instruments TPS61071-Q1 Datasheet HTML 6Page - Texas Instruments TPS61071-Q1 Datasheet HTML 7Page - Texas Instruments TPS61071-Q1 Datasheet HTML 8Page - Texas Instruments TPS61071-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SW
C1
10 µF
L1
4.7 µH
VBAT
VOUT
FB
C2
10 µF
EN
GND
TPS61070
VO
3.3VUp To
100mA
R1
R2
0.9-V ToVO
TPS61070-Q1, TPS61071-Q1
TPS61072-Q1, TPS61073-Q1
www.ti.com
SLVSAA5 – MAY 2010
90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
1
FEATURES
Qualified for Automotive Applications
Input Voltage Range: 0.9 V to 5.5 V
90% Efficient Synchronous Boost Converter
Adjustable Output Voltage Up to 5.5 V
75-mA Output Current at 3.3 V From 0.9-V
Power-Save Mode Version Available for
Input
Improved Efficiency at Low Output Power
150-mA Output Current at 3.3 V From 1.8-V
Load Disconnect During Shutdown
Input
Overtemperature Protection
Device Quiescent Current: 19 µA (Typ)
Small 6-Pin Thin SOT23 Package
DESCRIPTION
The TPS6107x devices provide a power supply solution for products powered by either a one-cell, two-cell, or
three-cell alkaline, NiCd or NiMH, or one-cell Li-ion or Li-polymer battery. Output currents can go as high as 75
mA while using a single-cell alkaline, and discharge it down to 0.9 V. It can also be used for generating 5 V at
200 mA from a 3.3 V rail or a Li-ion battery. The boost converter is based on a fixed frequency,
pulse-width-modulation (PWM) controller using a synchronous rectifier to obtain maximum efficiency. At low load
currents the TPS61070 and TPS61073 enter the power-save mode to maintain a high efficiency over a wide load
current range. The power-save mode is disabled in the TPS61071 and TPS61072, forcing the converters to
operate at a fixed switching frequency. The maximum peak current in the boost switch is typically limited to a
value of 600 mA.
The TPS6107x output voltage is programmed by an external resistor divider. The converter can be disabled to
minimize battery drain. During shutdown, the load is completely disconnected from the battery. The device is
packaged in a 6-pin thin SOT23 package (DDC).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2010, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS61071-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results

Descripción similar - TPS61071-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61070 TI-TPS61070 Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070 TI-TPS61070_07 Datasheet
505Kb / 25P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070 TI-TPS61070_15 Datasheet
998Kb / 28P
[Old version datasheet]   TPS6107x 90% Efficient Synchronous Boost Converter With 600-mA Switch
TPS61070TDDCRQ1 TI1-TPS61070TDDCRQ1 Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com