Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS71202MDRCTEP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS71202MDRCTEP
Descripción Electrónicos  DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71202MDRCTEP Datasheet(HTML) 1 Page - Texas Instruments

  TPS71202MDRCTEP Datasheet HTML 1Page - Texas Instruments TPS71202MDRCTEP Datasheet HTML 2Page - Texas Instruments TPS71202MDRCTEP Datasheet HTML 3Page - Texas Instruments TPS71202MDRCTEP Datasheet HTML 4Page - Texas Instruments TPS71202MDRCTEP Datasheet HTML 5Page - Texas Instruments TPS71202MDRCTEP Datasheet HTML 6Page - Texas Instruments TPS71202MDRCTEP Datasheet HTML 7Page - Texas Instruments TPS71202MDRCTEP Datasheet HTML 8Page - Texas Instruments TPS71202MDRCTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Actual Size
(3 mm x 3 mm)
TPS71202-EP
www.ti.com
SGLS395A – OCTOBER 2008 – REVISED SEPTEMBER 2010
DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT
LINEAR REGULATOR
Check for Samples: TPS71202-EP
1
FEATURES
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
Dual 250-mA High-Performance RF LDOs
Controlled Baseline
Adjustable Output Voltage (1.2 V to 5.5 V)
One Assembly/Test Site
High PSRR: 65 dB at 10 kHz
One Fabrication Site
Ultra-Low Noise: 32 mVrms
Available in Military (–55°C/125°C)
Fast Start-Up Time: 60 ms
Temperature Range(1)
Stable with 2.2-mF Ceramic Capacitor
Extended Product Life Cycle
Excellent Load/Line Transient Response
Extended Product-Change Notification
Very Low Dropout Voltage: 125 mV at 250 mA
Product Traceability
DESCRIPTION
Independent Enable Pins
Thermal Shutdown and Independent Current
The TPS71202 low-dropout (LDO) voltage regulator
Limit
is tailored to noise-sensitive and RF applications. It
features dual 250-mA LDOs with ultra-low noise, high
Available in Thermally-Enhanced SON
power-supply
rejection
ratio
(PSRR),
and
fast
Package: 3 mm × 3 mm × 1 mm
transient and start-up response. Each regulator
output is stable with low-cost 2.2-mF ceramic output
APPLICATIONS
capacitors and features very low dropout voltages
Cellular and Cordless Phones
(125 mV typical at 250 mA). The regulator achieves
Wireless PDA/Handheld Products
fast start-up times (approximately 60 ms with a
0.001-mF bypass capacitor) while consuming very low
PCMCIA/Wireless LAN Applications
quiescent current (300 mA typical with both outputs
Digital Camera/Camcorder/Internet Audio
enabled). When the device is placed in standby
DSP/FPGA/ASIC/Controllers and Processors
mode, the supply current is reduced to less than
0.3 mA typical. The regulator exhibits approximately
32 mVrms of output voltage noise with VOUT = 2.8 V
and a 0.01-mF noise reduction (NR) capacitor.
Applications
with
analog
components
that
are
noise-sensitive, such as portable RF electronics,
benefit from high PSRR, low noise, and fast line and
load transient features. The TPS71202 is offered in a
thin 3-mm × 3-mm SON package and is fully
specified from –55°C to 125°C (TJ).
(1)
Custom temperature ranges available
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Número de pieza similar - TPS71202MDRCTEP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
546Kb / 28P
[Old version datasheet]   SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI-TPS71202 Datasheet
209Kb / 8P
[Old version datasheet]   Power for C5504/05
TPS71202 TI-TPS71202 Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202 Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
More results

Descripción similar - TPS71202MDRCTEP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202_17 Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71319 TI1-TPS71319_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI-TPS71319 Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI-TPS71319_07 Datasheet
725Kb / 19P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Texas Instruments
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com