Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS72710DSET Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS72710DSET
Descripción Electrónicos  250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72710DSET Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS72710DSET Datasheet HTML 2Page - Texas Instruments TPS72710DSET Datasheet HTML 3Page - Texas Instruments TPS72710DSET Datasheet HTML 4Page - Texas Instruments TPS72710DSET Datasheet HTML 5Page - Texas Instruments TPS72710DSET Datasheet HTML 6Page - Texas Instruments TPS72710DSET Datasheet HTML 7Page - Texas Instruments TPS72710DSET Datasheet HTML 8Page - Texas Instruments TPS72710DSET Datasheet HTML 9Page - Texas Instruments TPS72710DSET Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
2.1
2.6
3.1
3.6
4.1
4.6
5.1
5.6
V
(V)
IN
+125 C
°
+25 C
°
+85 C
°
-40 C
°
I
=10mA
OUT
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
2.1
2.6
3.1
3.6
4.1
4.6
5.1
5.6
V
(V)
IN
+125 C
°
+25 C
°
+85 C
°
-40 C
°
I
=200mA
OUT
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
+125 C
°
+25 C
°
+85 C
°
-40 C
°
0mA
I
10mA
OUT
£
£
0
1
2
3
4
5
6
7
8
9
10
I
(mA)
OUT
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
+125 C
°
+25 C
°
+85 C
°
-40 C
°
0mA
I
250mA
OUT
£
£
0
25
50
75
100
125
150
175
200
225
250
I
(mA)
OUT
160
140
120
100
80
60
40
20
0
0
50
250
100
150
200
I
(mA)
OUT
+125 C
°
+25 C
°
+85 C
°
-40 C
°
+125 C
°
+25 C
°
+85 C
°
-40 C
°
160
140
120
100
80
60
40
20
0
2.25
2.75
3.25
3.75
4.25
4.75
V
(V)
IN
I
=200mA
OUT
TPS727xx
SBVS128C – JUNE 2009 – REVISED JANUARY 2011
www.ti.com
TYPICAL CHARACTERISTICS
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.3V or 2.0V, whichever is greater; IOUT = 10mA,
VEN = VIN, and COUT = 1.0mF, unless otherwise noted. Typical values are at TJ = +25°C.
LINE REGULATION
LINE REGULATION
(TPS72718)
(TPS72718)
Figure 2.
Figure 3.
LOAD REGULATION UNDER LIGHT LOADS
LOAD REGULATION
(TPS72718)
(TPS72718)
Figure 4.
Figure 5.
DROPOUT VOLTAGE vs OUTPUT CURRENT
(TPS72750)
DROPOUT VOLTAGE vs INPUT VOLTAGE
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated


Número de pieza similar - TPS72710DSET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS72710DSET TI-TPS72710DSET Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72710DSET TI1-TPS72710DSET Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
TPS72710DSET TI-TPS72710DSET Datasheet
1Mb / 36P
[Old version datasheet]   TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
More results

Descripción similar - TPS72710DSET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS727XX TI-TPS727XX Datasheet
711Kb / 22P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727XX TI1-TPS727XX_11 Datasheet
681Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
JANUARY2011
TPS727XX TI-TPS727XX_1 Datasheet
546Kb / 20P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72718DSEEVM-406 TI-TPS72718DSEEVM-406 Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727 TI1-TPS727_15 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
TPS727 TI-TPS727 Datasheet
1Mb / 37P
[Old version datasheet]   TPS727xx 250-mA, Ultralow IQ, Fast Transient Response,RF Low-Dropout Linear Regulator
TPS727 TI-TPS727_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
Monolithic Power System...
EVQ20056-G-00A MPS-EVQ20056-G-00A Datasheet
696Kb / 6P
   Fast Transient Response, Ultra-Small 250mA Linear Regulator EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com