Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS71918-12DRVT Datasheet(PDF) 1 Page - Texas Instruments |
|
|
TPS71918-12DRVT Datasheet(HTML) 1 Page - Texas Instruments |
1 / 24 page 1 FEATURES DESCRIPTION APPLICATIONS TPS718xx TPS719xx GND EN1 EN2 OUT2 IN OUT1 V IN V OUT V OUT 1 F m 1 F m 1 F m TypicalApplicationCircuit 2.7Vto6.5V 0.9Vto3.6V 0.9V 3.6V - On Off On Off EN1 GND GND EN2 6 5 4 OUT1 IN OUT2 1 2 3 TPS718xx,TPS719xx DRVPackage 2mmx2mmSON-6 (TopView) OUT1 IN OUT2 EN1 GND EN2 A1 B1 C1 A2 B2 C2 TPS718Axx,TPS719Axx YZCPackage 6-BALLWCSP (TopView) OUT1 IN OUT2 EN1 GND EN2 C2 B2 A2 C1 B1 A1 TPS718xx,TPS719xx YZCPackage 6-BALLWCSP (TopView) TPS718xx TPS719xx www.ti.com..................................................................................................................................................... SBVS088C – FEBRUARY 2007 – REVISED MAY 2008 Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators 23 • Dual, 200mA High-Performance LDOs The TPS718xx and TPS719xx families of low-dropout (LDO) regulators offer a high power-supply rejection • Low Total Quiescent Current: 90µA with Both ratio (PSRR), low noise, fast start-up, and excellent LDOs Enabled line and load transient responses while consuming a • Low Noise: 70µV RMS/V very low 90 µA (typical) at no load ground current with • Active Output Pulldown (TPS719xx) both LDOs enabled. The TPS719xx also provides an active pulldown circuit to quickly discharge output • Independent Enables for Each LDO loads. The TPS718xx and TPS719xx are stable with • PSRR: 65dB at 1kHz, 45dB at 1MHz ceramic capacitors and use an advanced BiCMOS • Available in Multiple Fixed-Output Voltage fabrication process to yield a typical dropout voltage Combinations from 0.9V to 3.6V Using of 230mV at 200mA output loads. The TPS718xx and Innovative Factory EEPROM Programming TPS719xx also use a precision voltage reference and feedback loop to achieve 3% overall accuracy over all • Fast Start-Up Time: 160µs load, line, process, and temperature variations. Both • Over-Current, Over-Temperature and families of devices are fully specified from TJ = –40°C Under-Voltage Protection to +125 °C and are offered in 2mm × 2mm SON-6 and • Low Dropout: 230mV at 200mA 6-ball Wafer Chip-Scale (WCSP) packages that are ideal for applications such as mobile handsets and • Stable with 1µF Ceramic Output Capacitor WLAN that require good thermal dissipation while • Available in 2mm × 2mm SON-6 and 6-Ball maintaining a very small footprint. WCSP Packages • Digital Cameras and Camera Modules • Cellular Camera and TV Phones • Wireless LAN, Bluetooth® • Handheld Products 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 Bluetooth is a registered trademark of Bluetooth SIG, Inc. 3 All other trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2007–2008, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Número de pieza similar - TPS71918-12DRVT |
|
Descripción similar - TPS71918-12DRVT |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |