Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS74401-EP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS74401-EP
Descripción Electrónicos  3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74401-EP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS74401-EP Datasheet HTML 7Page - Texas Instruments TPS74401-EP Datasheet HTML 8Page - Texas Instruments TPS74401-EP Datasheet HTML 9Page - Texas Instruments TPS74401-EP Datasheet HTML 10Page - Texas Instruments TPS74401-EP Datasheet HTML 11Page - Texas Instruments TPS74401-EP Datasheet HTML 12Page - Texas Instruments TPS74401-EP Datasheet HTML 13Page - Texas Instruments TPS74401-EP Datasheet HTML 14Page - Texas Instruments TPS74401-EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
50mV/div
50mV/div
50mV/div
50mV/div
2A/div
Time(50 s/div)
m
C
= 2x470 F(OSCON)
OUT
m
C
= 100 F Cer.
OUT
m
C
= 10 F Cer.
OUT
m
C
=
OUT
0 F
m
1A/ s
m
3.0A
100mA
10mV/div
10mV/div
10mV/div
10mV/div
500mV/div
Time(50 s/div)
m
C
=2x470 F(OSCON)
OUT
m
C
=100 F(Cer.)
OUT
m
C
=10 F(Cer.)
OUT
m
C
=0 F
OUT
m
1V/ s
m
4.3V
3.3V
10mV/div
10mV/div
10mV/div
10mV/div
500mV/div
Time(50 s/div)
m
C
=2x470 F
OUT
m
C
=100 F(Cer.)
OUT
m
C
=10 F
OUT
(Cer.)
m
C
=0 F
OUT
m
1V/ s
m
2.5V
1.5V
V
=1.2V
OUT
(OSCON)
1V/div
500mV/div
Time(1ms/div)
C
=0 F
SS
m
C
=0.001 F
SS
m
C
=0.0047 F
SS
m
V
OUT
V
EN
0V
1.1V
Time(20 s/div)
m
V
OUT
50mV/div
I
OUT
1A/div
OutputOpen
OutputShorted
V
=0.8V
OUT
Time(20ms/div)
V
(500mV/div)
PG
V
OUT
V
=V
=V
IN
BIAS
EN
TPS74401-EP
www.ti.com
SBVS122B – MARCH 2010 – REVISED SEPTEMBER 2010
TYPICAL CHARACTERISTICS (continued)
At TJ = +25°C, VOUT = 1.5 V, VIN = VOUT(TYP) + 0.3 V, VBIAS = 3.3 V, IOUT = 50 mA, CIN = 1 mF, CBIAS = 1 mF, CSS = 0.01 mF, and
COUT = 10 mF, unless otherwise noted.
LOAD TRANSIENT RESPONSE
VBIAS LINE TRANSIENT (3A)
Figure 22.
Figure 23.
VIN LINE TRANSIENT (3A)
TURN-ON RESPONSE
Figure 24.
Figure 25.
POWER-UP/POWER-DOWN
OUTPUT SHORT-CIRCUIT RECOVERY
Figure 26.
Figure 27.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS74401-EP


Número de pieza similar - TPS74401-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS74401-EP TI1-TPS74401-EP Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
More results

Descripción similar - TPS74401-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS74401 TI1-TPS74401_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74401 TI-TPS74401_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS74401 3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
   500mA LDO with soft-start
MM3479 MITSUMI-MM3479 Datasheet
185Kb / 20P
   1A LDO with soft-start
MM3526 MITSUMI-MM3526 Datasheet
2Mb / 22P
   500mA LDO with soft-start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com