Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS74801-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS74801-Q1
Descripción Electrónicos  1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74801-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS74801-Q1 Datasheet HTML 7Page - Texas Instruments TPS74801-Q1 Datasheet HTML 8Page - Texas Instruments TPS74801-Q1 Datasheet HTML 9Page - Texas Instruments TPS74801-Q1 Datasheet HTML 10Page - Texas Instruments TPS74801-Q1 Datasheet HTML 11Page - Texas Instruments TPS74801-Q1 Datasheet HTML 12Page - Texas Instruments TPS74801-Q1 Datasheet HTML 13Page - Texas Instruments TPS74801-Q1 Datasheet HTML 14Page - Texas Instruments TPS74801-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
V
OUT
C
OUT
10 F
m
TPS74801
GND
EN
FB
IN
PG
BIAS
SS
OUT
V
IN
R
1
R
2
R
3
C
IN
1 F
m
C
SS
V
BIAS
C
BIAS
1 F
m
V
=0.8
OUT
´
1+
R
1
R
2
)
(
TPS74801-Q1
www.ti.com
SLVSAI4A
– OCTOBER 2010 – REVISED FEBRUARY 2011
APPLICATION INFORMATION
The TPS74801-Q1 belongs to a family of low dropout
R1 and R2 can be calculated for any output voltage
regulators that feature soft-start capability. These
using the formula shown in Figure 25. Refer to
regulators use a low current bias input to power all
Table 1 for sample resistor values of common output
internal control circuitry, allowing the NMOS pass
voltages. In order to achieve the maximum accuracy
transistor to regulate very low input and output
specifications, R2 should be ≤ 4.99kΩ.
voltages.
The use of an NMOS-pass FET offers several critical
INPUT, OUTPUT, AND BIAS CAPACITOR
advantages for many applications. Unlike a PMOS
REQUIREMENTS
topology device, the output capacitor has little effect
The device is designed to be stable for all available
on
loop
stability.
This
architecture
allows
the
types and values of output capacitors
≥ 2.2μF. The
TPS74801-Q1 to be stable with any capacitor type of
device is also stable with multiple capacitors in
value 2.2
μF or greater. Transient response is also
parallel, which can be of any type or value.
superior to PMOS topologies, particularly for low VIN
applications.
The capacitance required on the IN and BIAS pins
strongly
depends
on
the
input
supply
source
The
TPS74801-Q1
features
a
programmable
impedance. To counteract any inductance in the
voltage-controlled soft-start circuit that provides a
input, the minimum recommended capacitor for VIN
smooth, monotonic start-up and limits startup inrush
and VBIAS is 1μF. If VIN and VBIAS are connected to
currents that may be caused by large capacitive
the
same
supply,
the
recommended
minimum
loads. A power good (PG) output is available to allow
capacitor for VBIAS is 4.7μF. Good quality, low ESR
supply monitoring and sequencing of other supplies.
capacitors should be used on the input; ceramic X5R
An enable (EN) pin with hysteresis and deglitch
and X7R capacitors are preferred. These capacitors
allows
slow-ramping
signals
to
be
used
for
should be placed as close the pins as possible for
sequencing the device. The low VIN and VOUT
optimum performance.
capability allows for inexpensive, easy-to-design, and
efficient linear regulation between the multiple supply
voltages
often
present
in
processor-intensive
TRANSIENT RESPONSE
systems.
The TPS74801-Q1 was designed to have excellent
Figure 25 illustrates the typical application circuit for
transient response for most applications with a small
the TPS74801-Q1 adjustable output device.
amount of output capacitance. In some cases, the
transient response may be limited by the transient
response of the input supply. This limitation is
especially true in applications where the difference
between the input and output is less than 300mV. In
this
case,
adding
additional
input
capacitance
improves the transient response much more than just
adding additional output capacitance would do. With
a
solid
input
supply,
adding
additional
output
capacitance
reduces
undershoot
and
overshoot
during a transient event; refer to Figure 22 in the
Typical
Characteristics
section.
Because
the
TPS74801-Q1 is stable with output capacitors as low
as 2.2
μF, many applications may then need very little
Figure 25. Typical Application Circuit for the
capacitance
at
the
LDO
output.
For
these
TPS74801-Q1 (Adjustable)
applications,
local
bypass
capacitance
for
the
powered device may be sufficient to meet the
transient requirements of the application. This design
reduces the total solution cost by avoiding the need
to use expensive, high-value capacitors at the LDO
output.
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS74801-Q1


Número de pieza similar - TPS74801-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI-TPS74801-Q1 Datasheet
3Mb / 47P
[Old version datasheet]   TPS748 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74801-Q1 TI-TPS74801-Q1 Datasheet
3Mb / 45P
[Old version datasheet]   TPS74801-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED JULY 2023
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
3Mb / 45P
[Old version datasheet]   TPS74801-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED JULY 2023
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
More results

Descripción similar - TPS74801-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150_V01 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
Rev 6 - December 2022
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
November 2020 Rev 5
logo
Texas Instruments
TPS748A TI-TPS748A Datasheet
1Mb / 30P
[Old version datasheet]   TPS748A 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
DECEMBER 2022
TPS748 TI-TPS748_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS748 1.5-A Low-Dropout Linear Regulator With Programmable Soft-Start
TPS7A74 TI-TPS7A74 Datasheet
2Mb / 39P
[Old version datasheet]   TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED AUGUST 2022
TPS748 TI-TPS748 Datasheet
3Mb / 47P
[Old version datasheet]   TPS748 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS7A74 TI-TPS7A74_V01 Datasheet
2Mb / 42P
[Old version datasheet]   TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED AUGUST 2022
TPS74801-Q1 TI-TPS74801-Q1_V01 Datasheet
3Mb / 45P
[Old version datasheet]   TPS74801-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED JULY 2023
TPS748A-Q1 TI-TPS748A-Q1 Datasheet
2Mb / 31P
[Old version datasheet]   TPS748A-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com