Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS75125-EP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS75125-EP
Descripción Electrónicos  FAST TRANSIENT RESPONSE 15-A LOW DROPOUT VOLTAGE REGULATOR WITH POWER GOOD
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75125-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS75125-EP Datasheet HTML 2Page - Texas Instruments TPS75125-EP Datasheet HTML 3Page - Texas Instruments TPS75125-EP Datasheet HTML 4Page - Texas Instruments TPS75125-EP Datasheet HTML 5Page - Texas Instruments TPS75125-EP Datasheet HTML 6Page - Texas Instruments TPS75125-EP Datasheet HTML 7Page - Texas Instruments TPS75125-EP Datasheet HTML 8Page - Texas Instruments TPS75125-EP Datasheet HTML 9Page - Texas Instruments TPS75125-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
www.ti.com
Line regulation (mV)
+ % V
V
O
V
I
max
* 2.7 V
100
1000
Line regulation (mV)
+ % V
V
O
V
I
max
* VO ) 1 V
100
1000
Electrical Characteristics
TPS75125-EP
FAST TRANSIENT RESPONSE 15-A LOW DROPOUT VOLTAGE REGULATOR
WITH POWER GOOD
SGLS330B – MAY 2006 – REVISED JUNE 2007
over recommended operating ambient temperature range (TA = –55°C to 125°C), VI = VO typ + 1 V, IO = 1 mA, EN = 0 V,
CO = 47 μF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
TJ = 25°C,
3.5 V < VIN < 5.5 V
2.5
Output voltage(1)(2) 2.5-V fixed version
V
2.45
2.57
3.5 V < VIN < 5.5 V
0
5
TJ = 25°C
(2)
75
Quiescent current (GND current)(3)
μA
(2)
125
VO + 1 V < VI ≤ 5.5 V,
TJ = 25°C
0.01
Output voltage line regulation (
ΔVO/VO)
(1) (3)
%/V
VO + 1 V < VI < 5.5 V
0.14
Load regulation(2)(3)
1
mV
BW = 300 Hz to 50 kHz,
VO = 1.5 V,
Output noise voltage
60
μVrms
CO = 100 μF,
TJ = 25°C
Output current limit
VO = 0 V
3.3
4.5
A
Thermal-shutdown junction temperature
150
°C
TJ = 25°C
1
Standby current
EN = VI
μA
10
FB input current
FB = 1.5 V
–1
1
μA
High-level enable input voltage
2
V
Low-level enable input voltage
0.7
V
f = 100 Hz,
CO = 100 μF,
Power-supply ripple rejection(3)
63
dB
TJ = 25°C,
IO = 1.5 A
(1)
Minimum input voltage for valid
IO(PG) = 300 μA,
V(PG) ≤ 0.8 V
1
1.3
V
PG
Trip threshold voltage
VO decreasing
80
86
%VO
PG
Hysteresis voltage
Measured at VO
0.5
%VO
Output low voltage
VI = 2.7 V,
IO(PG) = 1 mA
0.15
0.4
V
Leakage current
V(PG) = 5.5 V
1
μA
EN = VI
–1
1
μA
Input current (EN)
EN = 0 V
–1
0
1
μA
High-level EN input voltage
2
V
Low-level EN input voltage
0.7
V
IO = 1.5 A, VI = 3.2 V,
TJ = 25°C
160
Dropout voltage (3.3-V output)(4)
mV
IO = 1.5 A,
VI = 3.2 V
400
(1)
Minimum IN operating voltage is 2.7 V or VO typ + 1 V, whichever is greater. Maximum IN voltage 5.5 V.
(2)
IO = 1 mA to 1.5 A
(3)
If VO ≤ 1.8 V, VI min = 2.7 V, VI max = 5.5 V:
If VO ≥ 2.5 V, VI min = VO + 1 V, VI max = 5.5 V:
(4)
IN voltage equals VO typ – 100 mV; dropout voltage limited by input voltage range limitations.
6
Submit Documentation Feedback


Número de pieza similar - TPS75125-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS75125-EP TI-TPS75125-EP_15 Datasheet
655Kb / 25P
[Old version datasheet]   FAST TRANSIENT RESPONSE 15-A LOW DROPOUT VOLTAGE REGULATOR WITH POWER GOOD
More results

Descripción similar - TPS75125-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS75125-EP TI-TPS75125-EP_15 Datasheet
655Kb / 25P
[Old version datasheet]   FAST TRANSIENT RESPONSE 15-A LOW DROPOUT VOLTAGE REGULATOR WITH POWER GOOD
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75925 TI1-TPS75925_13 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI1-TPS75201-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI-TPS75901 Datasheet
459Kb / 25P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75933KTT TI-TPS75933KTT Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI1-TPS75901_16 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI-TPS75201-Q1 Datasheet
398Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201M-EP TI1-TPS75201M-EP Datasheet
868Kb / 30P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATOR WITH RESET
TPS75201M TI-TPS75201M_15 Datasheet
932Kb / 28P
[Old version datasheet]   Fast-Transient-Response 2-A Low-Dropout Voltage Regulator with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com