Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E554-25-I-PI Datasheet(PDF) 35 Page - Silicon Storage Technology, Inc

No. de pieza SST89E554-25-I-PI
Descripción Electrónicos  FlashFlex51 MCU
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E554-25-I-PI Datasheet(HTML) 35 Page - Silicon Storage Technology, Inc

Back Button SST89E554-25-I-PI Datasheet HTML 31Page - Silicon Storage Technology, Inc SST89E554-25-I-PI Datasheet HTML 32Page - Silicon Storage Technology, Inc SST89E554-25-I-PI Datasheet HTML 33Page - Silicon Storage Technology, Inc SST89E554-25-I-PI Datasheet HTML 34Page - Silicon Storage Technology, Inc SST89E554-25-I-PI Datasheet HTML 35Page - Silicon Storage Technology, Inc SST89E554-25-I-PI Datasheet HTML 36Page - Silicon Storage Technology, Inc SST89E554-25-I-PI Datasheet HTML 37Page - Silicon Storage Technology, Inc SST89E554-25-I-PI Datasheet HTML 38Page - Silicon Storage Technology, Inc SST89E554-25-I-PI Datasheet HTML 39Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
Preliminary Specifications
FlashFlex51 MCU
SST89E564 / SST89V564 / SST89E554 / SST89V554
35
©2001 Silicon Storage Technology, Inc.
S71181-03-000
9/01
384
.
TABLE
4-5: IN-APPLICATION PROGRAMMING MODE COMMANDS1 FOR SST89E564/SST89V564
Operation
SFCM [6:0]2
SFDT [7:0]
SFAH [7:0]
SFAL [7:0]
Block-Erase3
0DH
55H
X4
X
Sector-Erase3
0BH
X
AH5
AL6
Byte-Program3
0EH
DI7
AH
AL
Byte-Verify (Read)3
0CH
DO8
AH
AL
Prog-SB19
0FH
AAH
X
X
Prog-SB29
03H
AAH
X
X
Prog-SB39
05H
AAH
X
X
Prog-SC09
09H
AAH
5AH
X
T4-5.8 384
1. SFCF[6]=1 enables IAP commands; SFCF[6]=0 disables IAP commands.
2. Interrupt/Polling enable for flash operation completion
SFCM[7] = 1: Interrupt enable for flash operation completion
0: polling enable for flash operation completion
3. Refer to Table 4-4 for address resolution
4. X can be VIL or VIH, but no other value.
5. AH = Address high order byte
6. AL = Address low order byte
7. DI = Data Input
8. DO = Data Output
All other values are in hex
9. Instruction must be located in Block 1
TABLE
4-6: IN-APPLICATION PROGRAMMING MODE COMMANDS1 FOR SST89E554/SST89V554
1. SFCF[6]=1 enables IAP commands; SFCF[6]=0 disables IAP commands.
Operation
SFCM [6:0]2
2. Interrupt/Polling enable for flash operation completion
SFCM[7] = 1: Interrupt enable for flash operation completion
0: polling enable for flash operation completion
SFDT [7:0]
SFAH [7:0]
SFAL [7:0]
Block-Erase3
3. Refer to Table 4-4 for address resolution
0DH
55H
AH4
4. SFAH[7]=0: Selects Block 0; SFAH[7:5] = 111b selects Block 1
X5
5. X can be VIL or VIH, but no other value.
Sector-Erase3
0BH
X
AH6
6. AH = Address high order byte
AL7
7. AL = Address low order byte
Byte-Program3
0EH
DI8
8. DI = Data Input
AH
AL
Byte-Verify (Read)3
0CH
DO9
9. DO = Data Output
All other values are in hex
AH
AL
Prog-SB110
10. Instruction must be located in Block 1
0FH
AAH
X
X
Prog-SB210
03H
AAH
X
X
Prog-SB310
05H
AAH
X
X
Prog-SC010
09H
AAH
5AH
X
Prog-SC110
09H
AAH
AAH
X
T4-6.0 384


Número de pieza similar - SST89E554-25-I-PI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E554RC SST-SST89E554RC Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E554RC SST-SST89E554RC Datasheet
962Kb / 90P
   FlashFlex MCU
SST89E554RC SST-SST89E554RC Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E554RC-25-C-NI SST-SST89E554RC-25-C-NI Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E554RC-25-C-NJ SST-SST89E554RC-25-C-NJ Datasheet
680Kb / 62P
   FlashFlex51 MCU
More results

Descripción similar - SST89E554-25-I-PI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com