Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS84320RUQT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS84320RUQT
Descripción Electrónicos  4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS84320RUQT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS84320RUQT Datasheet HTML 7Page - Texas Instruments TPS84320RUQT Datasheet HTML 8Page - Texas Instruments TPS84320RUQT Datasheet HTML 9Page - Texas Instruments TPS84320RUQT Datasheet HTML 10Page - Texas Instruments TPS84320RUQT Datasheet HTML 11Page - Texas Instruments TPS84320RUQT Datasheet HTML 12Page - Texas Instruments TPS84320RUQT Datasheet HTML 13Page - Texas Instruments TPS84320RUQT Datasheet HTML 14Page - Texas Instruments TPS84320RUQT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
( )
=
W
æ
ö
æ
ö
-
ç
÷
ç
÷
è
ø
è
ø
SET
OUT
1.43
R
k
V
1
0.8
TPS84320
www.ti.com
SLUSAH7
– SEPTEMBER 2011
APPLICATION INFORMATION
ADJUSTING THE OUTPUT VOLTAGE
The VADJ control sets the output voltage of the TPS84320. The output voltage adjustment range is from 0.8V to
5.5V. The adjustment method requires the addition of RSET, which sets the output voltage, the connection of
SENSE+ to VOUT, and in some cases RRT which sets the switching frequency. The RSET resistor must be
connected directly between the VADJ (pin 43) and AGND (pin 45). The SENSE+ pin (pin 44) must be connected
to VOUT either at the load for improved regulation or at VOUT of the module. The RRT resistor must be
connected directly between the RT/CLK (pin 35) and AGND (pin 34).
Table 1 gives the standard external RSET resistor for a number of common bus voltages, along with the required
RRT resistor for that output voltage. For other output voltages, the value of the required resistor can either be
calculated using Equation 1, or selected from the values given in Table 2.
Table 1. Standard RSET Resistor Values for Common Output Voltages
RESISTORS
OUTPUT VOLTAGE VOUT (V)
0.8
1.0
1.2
1.5
1.8
2.5
3.3
5.0
RSET (kΩ)
open
5.76
2.87
1.62
1.13
0.665
0.453
0.267
RRT (kΩ)
open
open
324
324
324
324
158
105
(1)
Table 2. Standard RSET Resistor Values
VOUT (V)
RSET (kΩ)
RRT(kΩ)
fSW(kHz)
VOUT (V)
RSET (kΩ)
RRT(kΩ)
fSW(kHz)
0.8
open
open
330
3.2
0.475
191
580
0.9
11.3
open
330
3.3
0.453
158
630
1.0
5.76
open
330
3.4
0.442
158
630
1.1
3.83
open
330
3.5
0.422
158
630
1.2
2.87
324
480
3.6
0.402
158
630
1.3
2.26
324
480
3.7
0.392
158
630
1.4
1.91
324
480
3.8
0.374
137
680
1.5
1.62
324
480
3.9
0.365
137
680
1.6
1.43
324
480
4.0
0.357
137
680
1.7
1.27
324
480
4.1
0.348
137
680
1.8
1.13
324
480
4.2
0.332
118
730
1.9
1.02
324
480
4.3
0.324
118
730
2.0
0.953
324
480
4.4
0.316
118
730
2.1
0.866
324
480
4.5
0.309
118
730
2.2
0.806
324
480
4.6
0.301
118
730
2.3
0.750
324
480
4.7
0.294
118
730
2.4
0.715
324
480
4.8
0.287
105
780
2.5
0.665
324
480
4.9
0.280
105
780
2.6
0.634
237
530
5.0
0.267
105
780
2.7
0.604
237
530
5.1
0.267
105
780
2.8
0.562
237
530
5.2
0.261
105
780
2.9
0.536
237
530
5.3
0.255
105
780
3.0
0.511
191
580
5.4
0.249
105
780
3.1
0.499
191
580
5.5
0.243
105
780
Copyright
© 2011, Texas Instruments Incorporated
11


Número de pieza similar - TPS84320RUQT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPS843 TOSHIBA-TPS843 Datasheet
225Kb / 6P
   Silicon Epitaxial Planar
TPS843F TOSHIBA-TPS843F Datasheet
225Kb / 6P
   Silicon Epitaxial Planar
More results

Descripción similar - TPS84320RUQT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84621 TI1-TPS84621 Datasheet
993Kb / 30P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84410 TI1-TPS84410 Datasheet
962Kb / 28P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
SEPTEMBER2011
TPS84410 TI1-TPS84410_14 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
TPS84610 TI1-TPS84610 Datasheet
967Kb / 27P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84A20 TI-TPS84A20 Datasheet
878Kb / 30P
[Old version datasheet]   2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
TPS84210 TI1-TPS84210 Datasheet
1Mb / 29P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Synchronous Buck, Integrated Power Solution
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
logo
Texas Instruments
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com