Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS78230DDCT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS78230DDCT
Descripción Electrónicos  500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78230DDCT Datasheet(HTML) 3 Page - Texas Instruments

  TPS78230DDCT Datasheet HTML 1Page - Texas Instruments TPS78230DDCT Datasheet HTML 2Page - Texas Instruments TPS78230DDCT Datasheet HTML 3Page - Texas Instruments TPS78230DDCT Datasheet HTML 4Page - Texas Instruments TPS78230DDCT Datasheet HTML 5Page - Texas Instruments TPS78230DDCT Datasheet HTML 6Page - Texas Instruments TPS78230DDCT Datasheet HTML 7Page - Texas Instruments TPS78230DDCT Datasheet HTML 8Page - Texas Instruments TPS78230DDCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPS782xx
www.ti.com
SBVS115B – AUGUST 2008 – REVISED MAY 2010
ELECTRICAL CHARACTERISTICS
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(NOM) + 0.5V or 2.2V, whichever is greater;
IOUT = 100mA, VEN = VIN, COUT = 1.0mF, fixed VOUT test conditions, unless otherwise noted. Typical values at TJ = +25°C.
TPS782xx
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.2
5.5
V
Nominal
TJ = +25°C
–2
±1
+2
%
VOUT
DC output accuracy
Over VIN, IOUT, VOUT + 0.5V ≤ VIN ≤ 5.5V,
–3.0
±2.0
+3.0
%
temperature
0mA
≤ IOUT ≤ 150mA
ΔVOUT/ΔVIN
Line regulation
VOUT(NOM) + 0.5V ≤ VIN ≤ 5.5V, IOUT = 5mA
±1.0
%
ΔVOUT/ΔIOUT Load regulation
0mA
≤ IOUT ≤ 150mA
±2.0
%
VDO
Dropout voltage(1)
VIN = 95% VOUT(NOM), IOUT = 150mA
130
250
mV
BW = 100Hz to 100kHz, VIN = 2.2V,
VN
Output noise voltage
86
mVRMS
VOUT = 1.2V, IOUT = 1mA
ICL
Output current limit
VOUT = 0.90 × VOUT(NOM)
150
230
400
mA
IOUT = 0mA
0.42
1.3
mA
IGND
Ground pin current
IOUT = 150mA
8
mA
VEN ≤ 0.4V, 2.2V ≤ VIN < 5.5V,
ISHDN
Shutdown current (IGND)
18
130
nA
TJ = –40°C to +100°C
IEN
EN pin current
VEN = 5.5V
40
nA
f = 10Hz
40
dB
VIN = 4.3V,
PSRR
Power-supply rejection ratio
VOUT = 3.3V,
f = 100Hz
20
dB
IOUT = 150mA
f = 1kHz
15
dB
COUT = 1.0mF, VOUT = 10% VOUT(NOM) to
tSTR
Startup time(2)
500
ms
VOUT = 90% VOUT(NOM)
IOUT = 150mA, COUT = 1.0mF, VOUT = 2.8V,
tSHDN
Shutdown time(3)
VOUT = 90% VOUT(NOM) to VOUT = 10%
500(4)
ms
VOUT(NOM)
Shutdown, temperature increasing
+160
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
+140
°C
TJ
Operating junction temperature
–40
+125
°C
(1)
VDO is not measured for devices with VOUT(NOM) ≤ 2.3V because minimum VIN = 2.2V.
(2)
Time from VEN = 1.2V to VOUT = 90% (VOUT(NOM)).
(3)
Time from VEN = 0.4V to VOUT = 10% (VOUT(NOM)).
(4)
See Shutdown in the Application Information section for more details.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3


Número de pieza similar - TPS78230DDCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS78230DDCT TI1-TPS78230DDCT Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current
TPS78230DDCT TI1-TPS78230DDCT Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results

Descripción similar - TPS78230DDCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX_10 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782XX TI1-TPS782XX_12 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78223 TI-TPS78223 Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
Dialight Corporation
AP7312-1233W6-7 DIALIGHT-AP7312-1233W6-7 Datasheet
293Kb / 18P
   DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7313 DIODES-AP7313 Datasheet
277Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7313 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com