Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST58LD008-70-C-P1H Datasheet(PDF) 33 Page - Silicon Storage Technology, Inc

No. de pieza SST58LD008-70-C-P1H
Descripción Electrónicos  ATA-Disk Chip
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LD008-70-C-P1H Datasheet(HTML) 33 Page - Silicon Storage Technology, Inc

Back Button SST58LD008-70-C-P1H Datasheet HTML 29Page - Silicon Storage Technology, Inc SST58LD008-70-C-P1H Datasheet HTML 30Page - Silicon Storage Technology, Inc SST58LD008-70-C-P1H Datasheet HTML 31Page - Silicon Storage Technology, Inc SST58LD008-70-C-P1H Datasheet HTML 32Page - Silicon Storage Technology, Inc SST58LD008-70-C-P1H Datasheet HTML 33Page - Silicon Storage Technology, Inc SST58LD008-70-C-P1H Datasheet HTML 34Page - Silicon Storage Technology, Inc SST58LD008-70-C-P1H Datasheet HTML 35Page - Silicon Storage Technology, Inc SST58LD008-70-C-P1H Datasheet HTML 36Page - Silicon Storage Technology, Inc SST58LD008-70-C-P1H Datasheet HTML 37Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Data Sheet
ATA-Disk Chip
SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
33
©2001 Silicon Storage Technology, Inc.
S71167-05-000
9/01
391
Errors encountered during Write Multiple commands are posted after the attempted writes of the block
or partial block transferred. The Write command ends with the sector in error, even if it is in the middle
of a block. Subsequent blocks are not transferred in the event of an error. Interrupts are generated
when DRQ is set at the beginning of each block or partial block.
The Command Block Registers contain the cylinder, head and sector number of the sector where the
error occurred and the Sector Count Register contains the residual number of sectors that need to be
transferred for successful completion of the command e.g. each block has 4 sectors, a request for 8
sectors is issued and an error occurs on the third sector. The Sector Count Register contains 6 and the
address is that of the third sector.
3.2.1.23 Write Sector(s) - 30H or 31H
This command writes from 1 to 256 sectors as specified in the Sector Count Register. A sector count of
zero requests 256 sectors. The transfer begins at the sector specified in the Sector Number Register.
When this command is accepted, the ADC sets BSY, then sets DRQ and clears BSY, then waits for the
host to fill the sector buffer with the data to be written. No interrupt is generated to start the first host
transfer operation. No data should be transferred by the host until BSY has been cleared by the host.
For multiple sectors, after the first sector of data is in the buffer, BSY will be set and DRQ will be
cleared. After the next buffer is ready for data, BSY is cleared, DRQ is set and an interrupt is generated.
When the final sector of data is transferred, BSY is set and DRQ is cleared. It will remain in this state
until the command is completed at which time BSY is cleared and an interrupt is generated.
If an error occurs during a write of more than one sector, writing terminates at the sector where the
error occurs. The Command Block Registers contain the cylinder, head and sector number of the sector
where the error occurred. The host may then read the command block to determine what error has
occurred, and on which sector.
3.2.1.24 Write Verify - 3CH
This command is similar to the Write Sector(s) command, except each sector is verified immediately
after being written. This command has the same protocol as the Write Sector(s) command.
Bit ->
76
54
32
10
Command (7)
30H or 31H
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sec Num (3)
Sector Number (LBA 7-0)
Sec Cnt (2)
Sector Count
Feature (1)
X
Bit ->
76
54
32
10
Command (7)
3CH
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sec Num (3)
Sector Number (LBA 7-0)
Sec Cnt (2)
Sector Count
Feature (1)
X


Número de pieza similar - SST58LD008-70-C-P1H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST58LM008 SST-SST58LM008 Datasheet
377Kb / 40P
   ATA-Disk Module
SST58LM008-70-C-FRI SST-SST58LM008-70-C-FRI Datasheet
377Kb / 40P
   ATA-Disk Module
SST58LM008-70-C-FRJ SST-SST58LM008-70-C-FRJ Datasheet
377Kb / 40P
   ATA-Disk Module
SST58LM008-70-C-FSI SST-SST58LM008-70-C-FSI Datasheet
377Kb / 40P
   ATA-Disk Module
SST58LM008-70-C-FSJ SST-SST58LM008-70-C-FSJ Datasheet
377Kb / 40P
   ATA-Disk Module
More results

Descripción similar - SST58LD008-70-C-P1H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST58SM008 SST-SST58SM008 Datasheet
377Kb / 40P
   ATA-Disk Module
SST55LD019A SST-SST55LD019A Datasheet
867Kb / 79P
   ATA Flash Disk Controller
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
logo
List of Unclassifed Man...
AP-FM001GL1005S-DT ETC2-AP-FM001GL1005S-DT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM001GL2003S-DT ETC2-AP-FM001GL2003S-DT Datasheet
279Kb / 19P
   ATA Disk Module 4
AP-FM001GL3005S-DT ETC2-AP-FM001GL3005S-DT Datasheet
165Kb / 18P
   ATA Disk Module 4
logo
Apacer Technology Inc.
ADM5S-44P90D270D APACER-ADM5S-44P90D270D Datasheet
977Kb / 4P
   ATA Disk Module 5S(ADM)
logo
List of Unclassifed Man...
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
   Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com