Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSB41BA3BTPFPEP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TSB41BA3BTPFPEP
Descripción Electrónicos  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3BTPFPEP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSB41BA3BTPFPEP Datasheet HTML 6Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 7Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 8Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 9Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 10Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 11Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 12Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 13Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
TSB41BA3BEP
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS362—MAY 2006
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
TERMINAL
NAME
TYPE
PFP
NO.
I/O
DESCRIPTION
PD
CMOS
77
I
Power-down input. A high on this terminal turns off all internal circuitry. Asserting the PD input high
also activates an internal pulldown on the RESET terminal to force a reset of the internal control
logic.
PINT
CMOS
1
O
PHY Interrupt. The PHY uses this output to serially transfer status and interrupt information to the
link when PHY-link interface is in the 1394b mode. A bus holder is built into this terminal.
PLLGND
Supply
25,
28
PLL circuit ground terminals. These terminals must be tied together to the low-impedance circuit
board ground plane.
PLLVDD-CORE
Supply
29,
30
PLL core circuit power terminals. A combination of high-frequency decoupling capacitors near each
terminal are suggested, such as paralleled 0.1
µF and 0.001 µF. An additional 1-µF capacitor is
required for voltage regulation. The PLLVDD-CORE terminals must be separate from the
DVDD-CORE terminals. These supply terminals are separated from the DVDD-CORE, DVDD-3.3,
PLLVDD-3.3, and AVDD-3.3 terminals internal to the device to provide noise isolation.
PLLVDD-3.3
Supply
31
PLL 3.3-V circuit power terminal. A combination of high-frequency decoupling capacitors near the
terminal are suggested, such as paralleled 0.1
µF and 0.001 µF. Lower frequency 10-µF filtering
capacitors are also recommended. This supply terminal is separated from the DVDD-CORE,
DVDD-3.3, PLLVDD-CORE, and AVDD-3.3 terminals internal to the device to provide noise
isolation. The DVDD-3.3 terminals must be tied together at a low-impedance point on the circuit
board. The PLLVDD-3.3, AVDD-3.3, and DVDD-3.3 terminals must be tied together with a low dc
impedance connection.
RESET
CMOS
75
I
Logic reset input. Asserting this terminal low resets the internal logic. An internal pullup resistor to
VDD is provided so only an external delay capacitor is required for proper power-up operation (see
power-up reset in the application information section). The RESET terminal also incorporates an
internal pulldown which is activated when the PD input is asserted high. This input is otherwise a
standard logic input and can also be driven by an open-drain-type driver.
R0
R1
Bias
23
22
Current setting resistor terminals. These terminals are connected to a precision external resistance
to set the internal operating currents and cable driver output currents. A resistance of 6.34 k
Ω ±1% is
required to meet the IEEE Std 1394-1995 output voltage limits.
SE
CMOS
35
I
Test control input. This input is used in the manufacturing test of the TSB41BA3B-EP. For normal
use, this terminal must be pulled low either through a 1-k
Ω resistor to GND or directly to GND.
SLPEN
CMOS
79
I
Automotive sleep mode enable input. This terminal enables the automotive sleep mode. When
deasserted (logic low), normal 1394.b functionality is maintained.
SM
CMOS
36
I
Test control input. This input is used in the manufacturing test of the TSB41BA3B-EP. For normal
use this terminal must be pulled low either through a 1-k
Ω resistor to GND or directly to GND.
S2_PC0
S1_PC1
S0_PC2
CMOS
66
67
68
I
Port sleep/mode selection terminals 2−0 and power-class programming. On hardware reset, this
terminal when used with the other five selection pins allows the user to select the speed and mode of
the ports. See Table 1. Depending on the selection, these inputs may set the default value of the
power class indicated during self-ID.
Programming is done by tying the terminals high through a 1-k
Ω or smaller resistor or by tying
directly to ground through a 1-k
Ω or smaller resistor. Bus holders are built into these terminals.


Número de pieza similar - TSB41BA3BTPFPEP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSB41BA3BTPFPEP TI1-TSB41BA3BTPFPEP Datasheet
987Kb / 68P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com