Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST58LD016-70-C-P1H Datasheet(PDF) 26 Page - Silicon Storage Technology, Inc

No. de pieza SST58LD016-70-C-P1H
Descripción Electrónicos  ATA-Disk Chip
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LD016-70-C-P1H Datasheet(HTML) 26 Page - Silicon Storage Technology, Inc

Back Button SST58LD016-70-C-P1H Datasheet HTML 22Page - Silicon Storage Technology, Inc SST58LD016-70-C-P1H Datasheet HTML 23Page - Silicon Storage Technology, Inc SST58LD016-70-C-P1H Datasheet HTML 24Page - Silicon Storage Technology, Inc SST58LD016-70-C-P1H Datasheet HTML 25Page - Silicon Storage Technology, Inc SST58LD016-70-C-P1H Datasheet HTML 26Page - Silicon Storage Technology, Inc SST58LD016-70-C-P1H Datasheet HTML 27Page - Silicon Storage Technology, Inc SST58LD016-70-C-P1H Datasheet HTML 28Page - Silicon Storage Technology, Inc SST58LD016-70-C-P1H Datasheet HTML 29Page - Silicon Storage Technology, Inc SST58LD016-70-C-P1H Datasheet HTML 30Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
26
Data Sheet
ATA-Disk Chip
SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
©2001 Silicon Storage Technology, Inc.
S71167-05-000
9/01
391
3.2.1.9 Read Multiple - C4H
The Read Multiple command is similar to the Read Sector(s) command. Interrupts are not generated on
every sector, but on the transfer of a block which contains the number of sectors defined by a Set
Multiple command.
Command execution is identical to the Read Sectors operation except that the number of sectors
defined by a Set Multiple command are transferred without intervening interrupts. DRQ qualification of
the transfer is required only at the start of the data block, not on each sector.
The block count of sectors to be transferred without intervening interrupts is programmed by the Set
Multiple Mode command, which must be executed prior to the Read Multiple command. When the Read
Multiple command is issued, the Sector Count Register contains the number of sectors (not the number
of blocks or the block count) requested. If the number of requested sectors is not evenly divisible by the
block count, as many full blocks as possible are transferred, followed by a final, partial block transfer.
The partial block transfer is for n sectors, where
n = remainder (sector count/block count).
If the Read Multiple command is attempted before the Set Multiple Mode command has been executed
or when Read Multiple commands are disabled, the Read Multiple operation is rejected with an Aborted
Command error. Disk errors encountered during Read Multiple commands are posted at the beginning
of the block or partial block transfer, but DRQ is still set and the data transfer will take place as it
normally would, including transfer of corrupted data, if any.
Interrupts are generated when DRQ is set at the beginning of each block or partial block. The error
reporting is the same as that on a Read Sector(s) Command. This command reads from 1 to 256
sectors as specified in the Sector Count register. A sector count of 0 requests 256 sectors. The transfer
begins at the sector specified in the Sector Number Register.
At command completion, the Command Block Registers contain the cylinder, head and sector number
of the last sector read.
If an error occurs, the read terminates at the sector where the error occurred. The Command Block
Registers contain the cylinder, head and sector number of the sector where the error occurred. The
flawed data is pending in the sector buffer.
Subsequent blocks or partial blocks are transferred only if the error was a correctable data error. All
other errors cause the command to stop after transfer of the block which contained the error.
Bit ->
76
54
32
10
Command (7)
C4H
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sec Num (3)
Sector Number (LBA 7-0)
Sec Cnt (2)
Sector Count
Feature (1)
X


Número de pieza similar - SST58LD016-70-C-P1H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST58LM008 SST-SST58LM008 Datasheet
377Kb / 40P
   ATA-Disk Module
SST58LM008-70-C-FRI SST-SST58LM008-70-C-FRI Datasheet
377Kb / 40P
   ATA-Disk Module
SST58LM008-70-C-FRJ SST-SST58LM008-70-C-FRJ Datasheet
377Kb / 40P
   ATA-Disk Module
SST58LM008-70-C-FSI SST-SST58LM008-70-C-FSI Datasheet
377Kb / 40P
   ATA-Disk Module
SST58LM008-70-C-FSJ SST-SST58LM008-70-C-FSJ Datasheet
377Kb / 40P
   ATA-Disk Module
More results

Descripción similar - SST58LD016-70-C-P1H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST58SM008 SST-SST58SM008 Datasheet
377Kb / 40P
   ATA-Disk Module
SST55LD019A SST-SST55LD019A Datasheet
867Kb / 79P
   ATA Flash Disk Controller
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
logo
List of Unclassifed Man...
AP-FM001GL1005S-DT ETC2-AP-FM001GL1005S-DT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM001GL2003S-DT ETC2-AP-FM001GL2003S-DT Datasheet
279Kb / 19P
   ATA Disk Module 4
AP-FM001GL3005S-DT ETC2-AP-FM001GL3005S-DT Datasheet
165Kb / 18P
   ATA Disk Module 4
logo
Apacer Technology Inc.
ADM5S-44P90D270D APACER-ADM5S-44P90D270D Datasheet
977Kb / 4P
   ATA Disk Module 5S(ADM)
logo
List of Unclassifed Man...
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
   Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com