Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST58LD032-70-C-P1H Datasheet(PDF) 17 Page - Silicon Storage Technology, Inc

No. de pieza SST58LD032-70-C-P1H
Descripción Electrónicos  ATA-Disk Chip
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LD032-70-C-P1H Datasheet(HTML) 17 Page - Silicon Storage Technology, Inc

Back Button SST58LD032-70-C-P1H Datasheet HTML 13Page - Silicon Storage Technology, Inc SST58LD032-70-C-P1H Datasheet HTML 14Page - Silicon Storage Technology, Inc SST58LD032-70-C-P1H Datasheet HTML 15Page - Silicon Storage Technology, Inc SST58LD032-70-C-P1H Datasheet HTML 16Page - Silicon Storage Technology, Inc SST58LD032-70-C-P1H Datasheet HTML 17Page - Silicon Storage Technology, Inc SST58LD032-70-C-P1H Datasheet HTML 18Page - Silicon Storage Technology, Inc SST58LD032-70-C-P1H Datasheet HTML 19Page - Silicon Storage Technology, Inc SST58LD032-70-C-P1H Datasheet HTML 20Page - Silicon Storage Technology, Inc SST58LD032-70-C-P1H Datasheet HTML 21Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Data Sheet
ATA-Disk Chip
SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
17
©2001 Silicon Storage Technology, Inc.
S71167-05-000
9/01
391
3.1.2.9 Status & Alternate Status Registers (Read Only)
These registers return the ADC status when read by the host. Reading the Status register does clear a pending
interrupt while reading the Auxiliary Status register does not. The meaning of the status bits are described as follows:
Bit 7 (BUSY) The busy bit is set when the ADC has access to the command buffer and registers and
the host is locked out from accessing the command register and buffer. No other bits in
this register are valid when this bit is set to a 1.
Bit 6 (RDY)
RDY indicates whether the device is capable of performing ADC operations. This bit is
cleared at power up and remains cleared until the ADC is ready to accept a command.
Bit 5 (DWF)
This bit, if set, indicates a write fault has occurred.
Bit 4 (DSC)
This bit is set when the ADC is ready.
Bit 3 (DRQ)
The Data Request is set when the ADC requires that information be transferred either to
or from the host through the Data register.
Bit 2 (CORR) This bit is set when a Correctable data error has been encountered and the data has
been corrected. This condition does not terminate a multi-sector Read operation.
Bit 1 (IDX)
This bit is always set to 0.
Bit 0 (ERR)
This bit is set when the previous command has ended in some type of error. The bits in
the Error register contain additional information describing the error. It is recommended
that media access commands (such as Read Sectors and Write Sectors) that end with
an error condition should have the address of the first sector in error in the command
block registers.
3.1.2.10 Device Control Register (Write Only)
This register is used to control the ADC interrupt request and to issue a software Reset. This register can be written
to even if the device is BUSY. The bits are defined as follows:
Bit 7
This bit is an X (don’t care).
Bit 6
This bit is an X (don’t care).
Bit 5
This bit is an X (don’t care).
Bit 4
This bit is an X (don’t care).
Bit 3
This bit is ignored by the ADC.
Bit 2 (SW Rst) This bit is set to 1 in order to force the ADC to perform a software Reset operation. The
chip remains in Reset until this bit is reset to ‘0.’
Bit 1 (-IEn)
The Interrupt Enable bit enables interrupts when the bit is 0. When the bit is 1, interrupts
from the ADC are disabled. This bit is Reset to 0 at power on and Reset.
Bit 0
This bit is ignored by the ADC.
D7
D6
D5
D4
D3
D2
D1
D0
BUSY
RDY
DWF
DSC
DRQ
CORR
0
ERR
D7
D6
D5
D4
D3
D2
D1
D0
XXX
X1
SW Rst
-IEn
0


Número de pieza similar - SST58LD032-70-C-P1H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST58LM008 SST-SST58LM008 Datasheet
377Kb / 40P
   ATA-Disk Module
SST58LM008-70-C-FRI SST-SST58LM008-70-C-FRI Datasheet
377Kb / 40P
   ATA-Disk Module
SST58LM008-70-C-FRJ SST-SST58LM008-70-C-FRJ Datasheet
377Kb / 40P
   ATA-Disk Module
SST58LM008-70-C-FSI SST-SST58LM008-70-C-FSI Datasheet
377Kb / 40P
   ATA-Disk Module
SST58LM008-70-C-FSJ SST-SST58LM008-70-C-FSJ Datasheet
377Kb / 40P
   ATA-Disk Module
More results

Descripción similar - SST58LD032-70-C-P1H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST58SM008 SST-SST58SM008 Datasheet
377Kb / 40P
   ATA-Disk Module
SST55LD019A SST-SST55LD019A Datasheet
867Kb / 79P
   ATA Flash Disk Controller
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
logo
List of Unclassifed Man...
AP-FM001GL1005S-DT ETC2-AP-FM001GL1005S-DT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM001GL2003S-DT ETC2-AP-FM001GL2003S-DT Datasheet
279Kb / 19P
   ATA Disk Module 4
AP-FM001GL3005S-DT ETC2-AP-FM001GL3005S-DT Datasheet
165Kb / 18P
   ATA Disk Module 4
logo
Apacer Technology Inc.
ADM5S-44P90D270D APACER-ADM5S-44P90D270D Datasheet
977Kb / 4P
   ATA Disk Module 5S(ADM)
logo
List of Unclassifed Man...
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
   Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com