Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST58LD048-70-C-P1H Datasheet(PDF) 19 Page - Silicon Storage Technology, Inc

No. de pieza SST58LD048-70-C-P1H
Descripción Electrónicos  ATA-Disk Chip
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LD048-70-C-P1H Datasheet(HTML) 19 Page - Silicon Storage Technology, Inc

Back Button SST58LD048-70-C-P1H Datasheet HTML 15Page - Silicon Storage Technology, Inc SST58LD048-70-C-P1H Datasheet HTML 16Page - Silicon Storage Technology, Inc SST58LD048-70-C-P1H Datasheet HTML 17Page - Silicon Storage Technology, Inc SST58LD048-70-C-P1H Datasheet HTML 18Page - Silicon Storage Technology, Inc SST58LD048-70-C-P1H Datasheet HTML 19Page - Silicon Storage Technology, Inc SST58LD048-70-C-P1H Datasheet HTML 20Page - Silicon Storage Technology, Inc SST58LD048-70-C-P1H Datasheet HTML 21Page - Silicon Storage Technology, Inc SST58LD048-70-C-P1H Datasheet HTML 22Page - Silicon Storage Technology, Inc SST58LD048-70-C-P1H Datasheet HTML 23Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Data Sheet
ATA-Disk Chip
SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
19
©2001 Silicon Storage Technology, Inc.
S71167-05-000
9/01
391
3.2 ATA-Disk Chip Command Description
This section defines the software requirements and the format of the commands the host sends to the ADC. Commands
are issued to the ADC by loading the required registers in the command block with the supplied parameters, and then
writing the command code to the Command Register. The manner in which a command is accepted varies. There are
three classes (see Table 3-2) of command acceptance, all dependent on the host not issuing commands unless the
ADC is not busy (BSY=0).
3.2.1 ATA-Disk Chip Command Set
Table 3-2 summarizes the ADC command set with the paragraphs that follow describing the individual commands
and the task file for each.
TABLE
3-2: ATA-DISK CHIP COMMAND SET
Class
Command
Code
FR1
1. FR - Features Register
SC2
2. SC - Sector Count Register
SN3
3. SN - Sector Number Register
CY4
4. CY - Cylinder Registers
DH5
5. DH - Drive/Head Register
LBA6
6. LBA - Logical Block Address Mode Supported (see command descriptions for use)
1
Check Power Mode
E5H or 98H
-
-
-
-
D8
-
1
Execute Drive Diagnostic
90H
-
-
-
-
D
-
2
Format Track
50H
-
Y7
7. Y - The register contains a valid parameter for this command.
-Y
Y8
8. For the Drive/Head Register:
Y means both the ADC and Head parameters are used;
D means only the ADC parameter is valid and not the Head parameter.
Y
1
Identify Drive
ECH
-
-
-
-
D
-
1
Idle
E3H or 97H
-
Y
-
-
D
-
1
Idle Immediate
E1H or 95H
-
-
-
-
D
-
1
Initialize Drive Parameters
91H
-
Y
-
-
Y
-
1
Read Buffer
E4H
-
-
-
-
D
-
1
Read Long Sector
22H or 23H
-
-
Y
Y
Y
Y
1
Read Multiple
C4H
-
YYYY
Y
1
Read Sector(s)
20H or 21H
-
YYYY
Y
1
Read Verify Sector(s)
40H or 41H
-
YYYY
Y
1
Recalibrate
1XH
-
-
-
-
D
-
1
Seek
7XH
-
-
YYY
Y
1
Set Features
EFH
Y
-
-
-
D
-
1
Set Multiple Mode
C6H
-
Y
-
-
D
-
1
Set Sleep Mode
E6H or 99H
-
-
-
-
D
-
1
Stand By
E2H or 96H
-
-
-
-
D
-
1
Stand By Immediate
E0H or 94H
-
-
-
-
D
-
2
Write Buffer
E8H
-
-
-
-
D
-
2
Write Long Sector
32H or 33H
-
-
Y
Y
Y
Y
3
Write Multiple
C5H
-
YYYY
Y
2
Write Sector(s)
30H or 31H
-
YYYY
Y
3
Write Verify
3CH
-
YYYY
Y
T3-2.1 391


Número de pieza similar - SST58LD048-70-C-P1H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST58LM008 SST-SST58LM008 Datasheet
377Kb / 40P
   ATA-Disk Module
SST58LM008-70-C-FRI SST-SST58LM008-70-C-FRI Datasheet
377Kb / 40P
   ATA-Disk Module
SST58LM008-70-C-FRJ SST-SST58LM008-70-C-FRJ Datasheet
377Kb / 40P
   ATA-Disk Module
SST58LM008-70-C-FSI SST-SST58LM008-70-C-FSI Datasheet
377Kb / 40P
   ATA-Disk Module
SST58LM008-70-C-FSJ SST-SST58LM008-70-C-FSJ Datasheet
377Kb / 40P
   ATA-Disk Module
More results

Descripción similar - SST58LD048-70-C-P1H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST58SM008 SST-SST58SM008 Datasheet
377Kb / 40P
   ATA-Disk Module
SST55LD019A SST-SST55LD019A Datasheet
867Kb / 79P
   ATA Flash Disk Controller
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
logo
List of Unclassifed Man...
AP-FM001GL1005S-DT ETC2-AP-FM001GL1005S-DT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM001GL2003S-DT ETC2-AP-FM001GL2003S-DT Datasheet
279Kb / 19P
   ATA Disk Module 4
AP-FM001GL3005S-DT ETC2-AP-FM001GL3005S-DT Datasheet
165Kb / 18P
   ATA Disk Module 4
logo
Apacer Technology Inc.
ADM5S-44P90D270D APACER-ADM5S-44P90D270D Datasheet
977Kb / 4P
   ATA Disk Module 5S(ADM)
logo
List of Unclassifed Man...
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
   Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com