Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UA723CNSR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza UA723CNSR
Descripción Electrónicos  PRECISION VOLTAGE REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UA723CNSR Datasheet(HTML) 6 Page - Texas Instruments

Back Button UA723CNSR Datasheet HTML 2Page - Texas Instruments UA723CNSR Datasheet HTML 3Page - Texas Instruments UA723CNSR Datasheet HTML 4Page - Texas Instruments UA723CNSR Datasheet HTML 5Page - Texas Instruments UA723CNSR Datasheet HTML 6Page - Texas Instruments UA723CNSR Datasheet HTML 7Page - Texas Instruments UA723CNSR Datasheet HTML 8Page - Texas Instruments UA723CNSR Datasheet HTML 9Page - Texas Instruments UA723CNSR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
µA723
PRECISION VOLTAGE REGULATORS
SLVS057D – AUGUST 1972 – REVISED JULY 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
100 pF
R2
R1
Regulated Output,
VO
RSC
VI
REF
VCC+
VC
OUTPUT
VZ
CURR LIM
CURR SENS
IN+
VCC– FREQ COMP
IN–
R3
(see Notes A and B)
µA723
NOTES: A.
B. R3 can be eliminated for minimum component count. Use direct connection (i.e., R3 = 0).
R3
+ R1
R2
R1
) R2
for a minimum
a
V
O
Figure 2. Basic High-Voltage Regulator (VO = 7 V to 37 V)
R2
VI
100 pF
2N5001
2 k
R3 =
3 k
R4 = 3 k
R1
REF
VCC+
VC
OUTPUT
VZ
CURR LIM
CURR SENS
IN+
VCC– FREQ COMP
IN–
µA723
Regulated Output,
VO
Figure 3. Negative-Voltage Regulator


Número de pieza similar - UA723CNSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
UA723CN PHILIPS-UA723CN Datasheet
67Kb / 6P
   Precision voltage regulator
1994 Aug 31
More results

Descripción similar - UA723CNSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SFC2723A STMICROELECTRONICS-SFC2723A Datasheet
84Kb / 1P
   Precision Voltage Regulators
logo
Texas Instruments
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP431 SYNC-POWER-SP431 Datasheet
281Kb / 12P
   High Voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLV431 TI-TLV431 Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
ACE Technology Co., LTD...
ACE431N ACE-ACE431N Datasheet
2Mb / 14P
   High Voltage Adjustable Precision Shunt Regulators
VER 1.5
logo
Texas Instruments
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
155Kb / 8P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431 TI1-TLVH431_15 Datasheet
1Mb / 50P
[Old version datasheet]   Low-Voltage Adjustable Precision Shunt Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com