Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E554RC-40-I-NI Datasheet(PDF) 30 Page - Silicon Storage Technology, Inc

No. de pieza SST89E554RC-40-I-NI
Descripción Electrónicos  FlashFlex51 MCU
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E554RC-40-I-NI Datasheet(HTML) 30 Page - Silicon Storage Technology, Inc

Back Button SST89E554RC-40-I-NI Datasheet HTML 26Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NI Datasheet HTML 27Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NI Datasheet HTML 28Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NI Datasheet HTML 29Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NI Datasheet HTML 30Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NI Datasheet HTML 31Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NI Datasheet HTML 32Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NI Datasheet HTML 33Page - Silicon Storage Technology, Inc SST89E554RC-40-I-NI Datasheet HTML 34Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
30
Preliminary Specifications
FlashFlex51 MCU
SST89E564RD / SST89V564RD / SST89E554RC / SST89V554RC
©2001 Silicon Storage Technology, Inc.
S71207-00-000
9/01
555
The Byte-Verify command allows the user to verify that the
device correctly performed an Erase or Program com-
mand. This command will be disabled if any security locks
are enabled. See Figure 4-11 for timing waveforms.
The Prog-SB1, Prog-SB2, Prog-SB3 commands program
the security bits, the functions of these bits are described in
the Security Lock section and also in Table 9-1. Once pro-
grammed, these bits can only be erased through a Chip-
Erase command. See Figure 4-9 for timing waveforms.
Prog-SC0 command programs SC0 bit, which determines
the state of SFCF[0] out of reset. Once programmed, SC0
can only be restored to an erased state via a Chip-Erase
command. See Figure 4-10 for timing waveforms.
Prog-SC1 command programs SC1 bit, which determines
the state of SFCF[1] out of reset. Once programmed, SC1
can only be restored to an erased state via a Chip-Erase
command. See Figure 4-10 for timing waveforms. Prog-
SC1 is for SST89E554RC/SST89V554RC only.
4.1.4 External Host Mode Clock Source
In External Host Mode, an internal oscillator will provide
clocking for the device. The on-chip oscillator will be turned
on as the device enters External Host Mode; i.e. when
PSEN# goes low while RST is high. During External Host
Mode, the CPU core is held in reset. Upon exit from Exter-
nal Host Mode, the internal oscillator is turned off.
4.1.5 Flash Operation Status Detection Via External
Host Handshake
The device provides two methods for an external host to
detect the completion of a flash memory operation to opti-
mize the Program or Erase time. The end of a flash mem-
ory operation cycle can be detected by:
1. monitoring the Ready/Busy# bit at P3[3];
2. monitoring the Data# Polling bit at P0[3].
4.1.5.1 Ready/Busy# (P3[3])
The progress of the flash memory programming can be
monitored by the Ready/Busy# output signal. P3[3] is
driven low, some time after ALE/PROG# goes low during a
flash memory operation to indicate the Busy# status of the
Flash Control Unit (FCU). P3[3] is driven high when the
Flash programming operation is completed to indicate the
Ready status.
4.1.5.2 Data# Polling (P0[3])
During a Program operation, any attempts to read (Byte-
Verify), while the device is busy, will receive the comple-
ment of the data of the last byte loaded (logic low, i.e. “0” for
an erase) on P0[3] with the rest of the bits “0”. During a Pro-
gram operation, the Byte-Verify command is reading the
data of the last byte loaded, not the data at the address
specified.
4.1.6 Step-by-step instructions to perform
External Host Mode commands
To program data into the memory array, apply power
supply voltage (VDD) to VDD and RST pins, and per-
form the following steps:
1. Maintain RST high and set PSEN# from logic high
to low, in sequence according to the appropriate
timing diagram.
2. Raise EA# High (VIH).
3. Issue Read-ID command to enable the External
Host Mode.
4. Verify that the memory blocks or sectors for pro-
gramming is in the erased state, FFH. If they are
not erased, then erase them using the appropriate
Erase command.
5. Select the memory location using the address
lines (P3[5:4], P2[5:0], P1[7:0]).
6. Present the data in on P0[7:0].
7. Pulse ALE/PROG#, observing minimum pulse
width.
8. Wait for low to high transition on READY/BUSY#
(P3[3]).
9. Repeat steps 5 - 8 until programming is finished.
10. Verify the flash memory contents.


Número de pieza similar - SST89E554RC-40-I-NI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E554RC-40-I-NI SST-SST89E554RC-40-I-NI Datasheet
1Mb / 86P
   FlashFlex51 MCU
More results

Descripción similar - SST89E554RC-40-I-NI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com