Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E554-25-C-TQI Datasheet(PDF) 22 Page - Silicon Storage Technology, Inc

No. de pieza SST89E554-25-C-TQI
Descripción Electrónicos  FlashFlex51 MCU
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E554-25-C-TQI Datasheet(HTML) 22 Page - Silicon Storage Technology, Inc

Back Button SST89E554-25-C-TQI Datasheet HTML 18Page - Silicon Storage Technology, Inc SST89E554-25-C-TQI Datasheet HTML 19Page - Silicon Storage Technology, Inc SST89E554-25-C-TQI Datasheet HTML 20Page - Silicon Storage Technology, Inc SST89E554-25-C-TQI Datasheet HTML 21Page - Silicon Storage Technology, Inc SST89E554-25-C-TQI Datasheet HTML 22Page - Silicon Storage Technology, Inc SST89E554-25-C-TQI Datasheet HTML 23Page - Silicon Storage Technology, Inc SST89E554-25-C-TQI Datasheet HTML 24Page - Silicon Storage Technology, Inc SST89E554-25-C-TQI Datasheet HTML 25Page - Silicon Storage Technology, Inc SST89E554-25-C-TQI Datasheet HTML 26Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
22
Preliminary Specifications
FlashFlex51 MCU
SST89E564 / SST89V564 / SST89E554 / SST89V554
©2001 Silicon Storage Technology, Inc.
S71181-03-000
9/01
384
Symbol
Function
SPIF
Upon completion of data transfer, this bit is set to 1. If SPIE =1 and ES =1, an interrupt is
then generated. To clear, read SPSR and then access SPDR.
WCOL
Set if the SPI data register is written to during data transfer. To clear, read SPSR and
then access SPDR.
Symbol
Function
SMOD1
Double Baud rate bit. If SMOD1 = 1, Timer 1 is used to generate the baud rate.
SMOD0
FE/SM0 Selection bit.
0: SCON[7] = SM0
1: SCON[7] = FE,
BOF
Brown-out detection status bit, this bit will not be affected by any other reset. BOF should
be cleared by software. Power-on reset will also clear the BOF bit.
0: No Brown-out.
1: Brown-out occurred
POF
Power-on reset status bit, this bit will not be affected by any other reset. POF should be
cleared by software.
0: No Power-on reset.
1: Power-on reset occurred
GF1
General-purpose flag bit.
GF0
General-purpose flag bit.
PD
Power-down bit.
0: Power-down mode is not activated.
1: Activates Power-down mode.
IDL
Idle mode bit.
0: Idle mode is not activated.
1: Activates Idle mode.
SPI Status Register (SPSR)
Location
76543210
Reset Value
AAH
SPIF
WCOL
-
-
----
00xxxxxxb
SPI Data Register (SPDR)
Location
76543210
Reset Value
86H
SPD7
SPD6
SPD5
SPD4
SPD3
SPD2
SPD1
SPD0
00H
Power Control Register (PCON)
Location
76543210
Reset Value
87H
SMOD1
SMOD0
BOF
POF
GF1
GF0
PD
IDL
00010000b


Número de pieza similar - SST89E554-25-C-TQI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E554RC SST-SST89E554RC Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E554RC SST-SST89E554RC Datasheet
962Kb / 90P
   FlashFlex MCU
SST89E554RC SST-SST89E554RC Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E554RC-25-C-NI SST-SST89E554RC-25-C-NI Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E554RC-25-C-NJ SST-SST89E554RC-25-C-NJ Datasheet
680Kb / 62P
   FlashFlex51 MCU
More results

Descripción similar - SST89E554-25-C-TQI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com