Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74HC273-Q1 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
SN74HC273-Q1 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 12 page SN74HC273Q1 OCTAL DTYPE FLIPFLOP WITH CLEAR SCLS578A − MARCH 2004 − REVISED APRIL 2008 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic diagram (positive logic) CLK 1D 3 1D C1 R 1Q 2 2D 4 1D C1 R 2Q 5 3D 7 1D C1 R 3Q 6 4D 8 1D C1 R 4Q 9 5D 13 1D C1 R 5Q 12 6D 14 1D C1 R 6Q 15 7D 17 1D C1 R 7Q 16 8D 18 1D C1 R 8Q 19 CLR 11 1 logic diagram, each flip-flop (positive logic) CLK(I) R Q C C D C C C C C C TG TG TG TG C C absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 1) ±20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 1) ±20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current, IO (VO = 0 to VCC) ±25 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current through VCC or GND ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2): DW package 58 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PW package 83 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. The package thermal impedance is calculated in accordance with JESD 51-7. |
Número de pieza similar - SN74HC273-Q1 |
|
Descripción similar - SN74HC273-Q1 |