Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E564-40-C-TQI Datasheet(PDF) 50 Page - Silicon Storage Technology, Inc

No. de pieza SST89E564-40-C-TQI
Descripción Electrónicos  FlashFlex51 MCU
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E564-40-C-TQI Datasheet(HTML) 50 Page - Silicon Storage Technology, Inc

Back Button SST89E564-40-C-TQI Datasheet HTML 46Page - Silicon Storage Technology, Inc SST89E564-40-C-TQI Datasheet HTML 47Page - Silicon Storage Technology, Inc SST89E564-40-C-TQI Datasheet HTML 48Page - Silicon Storage Technology, Inc SST89E564-40-C-TQI Datasheet HTML 49Page - Silicon Storage Technology, Inc SST89E564-40-C-TQI Datasheet HTML 50Page - Silicon Storage Technology, Inc SST89E564-40-C-TQI Datasheet HTML 51Page - Silicon Storage Technology, Inc SST89E564-40-C-TQI Datasheet HTML 52Page - Silicon Storage Technology, Inc SST89E564-40-C-TQI Datasheet HTML 53Page - Silicon Storage Technology, Inc SST89E564-40-C-TQI Datasheet HTML 54Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
50
Preliminary Specifications
FlashFlex51 MCU
SST89E564 / SST89V564 / SST89E554 / SST89V554
©2001 Silicon Storage Technology, Inc.
S71181-03-000
9/01
384
FIGURE
10-1: IDD TEST CONDITION,
ACTIVE MODE
FIGURE
10-2: IDD TEST CONDITION,
IDLE MODE
FIGURE
10-3: IDD TEST CONDITION,
POWER-DOWN MODE
FIGURE
10-4: IDD TEST CONDITION,
STANDBY (STOP CLOCK) MODE
4. Capacitive loading on Ports 0 & 2 may cause the VOH on ALE and PSEN# to momentarily fall below the VDD - 0.7 specification when
the address bits are stabilizing.
5. Pins of Ports 1, 2 & 3 source a transition current when they are being externally driven from 1 to 0. The transition current reaches its
maximum value when Vin is approximately 2V.
6. Pin capacitance is characterized but not tested. EA# is 25pF (max).
7. See Figures 10-1, 10-2, 10-3 and 10-4 for test conditions. Minimum VDD for Power Down is 2.0V.
VDD
VDD
VDD
VDD
P0
EA#
RST
XTAL2
(NC)
CLOCK
SIGNAL
All other pins disconnected
89x564
XTAL1
384 ILL F26.2
VSS
IDD
VDD
VDD
VDD
P0
EA#
RST
XTAL2
(NC)
CLOCK
SIGNAL
All other pins disconnected
XTAL1
384 ILL F24.2
VSS
IDD
89x564
VDD
VDD
VDD
VDD = 2V
P0
EA#
RST
XTAL2
(NC)
All other pins disconnected
XTAL1
384 ILL F25.2
VSS
IDD
89x564
VDD
VDD
VDD
VDD = 5V
P0
EA#
RST
XTAL2
(NC)
All other pins disconnected
XTAL1
384 ILL F33.2
VSS
IDD
89x564


Número de pieza similar - SST89E564-40-C-TQI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E564RD-25-C-NI SST-SST89E564RD-25-C-NI Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E564RD-25-C-NJ SST-SST89E564RD-25-C-NJ Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E564RD-25-C-PI SST-SST89E564RD-25-C-PI Datasheet
680Kb / 62P
   FlashFlex51 MCU
More results

Descripción similar - SST89E564-40-C-TQI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com