Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST58LM024-70-C-FSI Datasheet(PDF) 36 Page - Silicon Storage Technology, Inc

No. de pieza SST58LM024-70-C-FSI
Descripción Electrónicos  ATA-Disk Module
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LM024-70-C-FSI Datasheet(HTML) 36 Page - Silicon Storage Technology, Inc

Back Button SST58LM024-70-C-FSI Datasheet HTML 32Page - Silicon Storage Technology, Inc SST58LM024-70-C-FSI Datasheet HTML 33Page - Silicon Storage Technology, Inc SST58LM024-70-C-FSI Datasheet HTML 34Page - Silicon Storage Technology, Inc SST58LM024-70-C-FSI Datasheet HTML 35Page - Silicon Storage Technology, Inc SST58LM024-70-C-FSI Datasheet HTML 36Page - Silicon Storage Technology, Inc SST58LM024-70-C-FSI Datasheet HTML 37Page - Silicon Storage Technology, Inc SST58LM024-70-C-FSI Datasheet HTML 38Page - Silicon Storage Technology, Inc SST58LM024-70-C-FSI Datasheet HTML 39Page - Silicon Storage Technology, Inc SST58LM024-70-C-FSI Datasheet HTML 40Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
36
Advance Information
ATA-Disk Module
SST58SM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
©2001 Silicon Storage Technology, Inc.
S71193-01-000
9/01
519
5.0 PHYSICAL DIMENSIONS
40-PIN FEMALE RIGHT ANGLE CONNECTOR
SST PACKAGE CODE: FRI
40-PIN FEMALE STRAIGHT CONNECTOR
SST PACKAGE CODE: FSI
4.5
5.34
1.0
6.0
7.52
51.0
25.5
∅3.2
26.0
3.5
40-fem-right-angle.2
Note:
All units are in mm
Tolerance: ±0.2 mm unless otherwise specified
8.5
1.0
5.34
4.5
6.0
8.5
51.0
24.0
40-fem-straight-conn.2
Note:
All units are in mm
Tolerance: ±0.2 mm unless otherwise specified


Número de pieza similar - SST58LM024-70-C-FSI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST58LD008 SST-SST58LD008 Datasheet
363Kb / 40P
   ATA-Disk Chip
SST58LD008-70-C-P1H SST-SST58LD008-70-C-P1H Datasheet
363Kb / 40P
   ATA-Disk Chip
SST58LD016 SST-SST58LD016 Datasheet
363Kb / 40P
   ATA-Disk Chip
SST58LD016-70-C-P1H SST-SST58LD016-70-C-P1H Datasheet
363Kb / 40P
   ATA-Disk Chip
SST58LD024 SST-SST58LD024 Datasheet
363Kb / 40P
   ATA-Disk Chip
More results

Descripción similar - SST58LM024-70-C-FSI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AP-FM001GL1005S-DT ETC2-AP-FM001GL1005S-DT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM001GL2003S-DT ETC2-AP-FM001GL2003S-DT Datasheet
279Kb / 19P
   ATA Disk Module 4
AP-FM001GL3005S-DT ETC2-AP-FM001GL3005S-DT Datasheet
165Kb / 18P
   ATA Disk Module 4
logo
Apacer Technology Inc.
ADM5S-44P90D270D APACER-ADM5S-44P90D270D Datasheet
977Kb / 4P
   ATA Disk Module 5S(ADM)
logo
List of Unclassifed Man...
AP-FM0128EB2S3S-KS ETC2-AP-FM0128EB2S3S-KS Datasheet
188Kb / 21P
   Value Added ATA Disk Module
AP-FM0128E20S3S-KS1M ETC2-AP-FM0128E20S3S-KS1M Datasheet
218Kb / 21P
   Value Added ATA Disk Module ?
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
   Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS_14 Datasheet
186Kb / 20P
   Value Added ATA Disk Module ?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com