Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD12-20B24 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

No. de pieza LD12-20B24
Descripción Electrónicos  LD12 series ----- are the 12W compact size power converter offered by Mornsun.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MORNSUN [MORNSUN Science& Technology Ltd.]
Página de inicio  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD12-20B24 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LD12-20B24 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LD12-20B24 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LD12-20B24 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LD12-20B24 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LD12-20B24 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LD12-20BXX
A/2-2012
Page3 of 5
TEMPERATURE VS LOAD
INPUT VOLTAGE VS LOAD
Load(%)
Temperature()
0
-40
55
70
50
40
100
60
80
Load(%)
Input voltage(Vac)
20
40
100
60
80
100
240
85
264
70
3 40
1 20
370
20
40
100
60
80
100
70
Loa d( %)
In pu t vo ltag e( Vd c)
TYPICAL APPLICATIONS
L
+Vo
-Vo
L
N
N
+
N TC
F USE
C1
C2
T VS
RL
Figure 1: LD12-20BXX EMC application circuit
L
N
+ Vo
- Vo
AC -DC
L
N
+ Vo
-Vo
Figure 2: Note: This application is not supported for this series.
Can use MORNSUN
’s FC-L01D2
OU TPUT
可使用我司模块FC-L01D2
N
L
N
L
L CM
MO V1
MO V2
MO V3
R2
R1
R3
CX
MO V4
MO V5
CY1
CY2
GD T4
ACDC
FUSE
Figure 3: LD12 series Recommended circuit for application require higher EMC standard
(external circuit output same as above)
Figure 4:EMC application circuit PCB layout
Safety and recommend wiring: linewidth A
≥3mm,C≥9mm
EXTERNAL CIRCUIT PARAMETERS
Model
C1
C2
TVS
LD12-20B03
1
µF /50V
220
µF /10V
SMBJ7.0A
LD12-20B05
1
µF /50V
220
µF /10V
SMBJ7.0A
LD12-20B12
1
µF /50V
120
µF /25V
SMBJ20A
LD12-20B15
1
µF /50V
120
µF /25V
SMBJ20A
LD12-20B24
1
µF /50V
68
µF/50V
SMBJ30A
Note:
1. C1 is ceramic capacitor, it is used to filter high frequency noise. Output filtering capacitors C2 is electrolytic capacitors, It is recommended to use high frequency
and low impedance electrolytic capacitors. For capacitance and current of capacitor please refer to manufacture
’s datasheet. Voltage derating of capacitor should
be 80% or above. TVS is a recommended component to protect post-circuits (if converter fails). External input NTC model is recommended to use 5D-9.
2. For standard EMC requirement, please refer to figure 1, if higher EMC requirement, please refer to figure 3 .
MOV1:561KD20;
MOV2、MOV3:561KD14;
MOV4、MOV5:561KD07;
GDT4:B5G3600;
CX:0.15
µF/300VAC;
CY1、CY2:222M/400VAC;
R1、R2:2
Ω/3W wirewound;
R3:1M
Ω/2W;
LCM:10mH-30mH;
FC-L01D2:4KV/6KV Surge protector。
3. FUSE:LD12 is recommended to use 3.15A/250V.


Número de pieza similar - LD12-20B24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MORNSUN Science& Techno...
LD12-20B24 MORNSUN-LD12-20B24 Datasheet
489Kb / 7P
   12W, AC-DC converter
More results

Descripción similar - LD12-20B24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MORNSUN Science& Techno...
LH10-10B24A2 MORNSUN-LH10-10B24A2 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LD10-20B24A2 MORNSUN-LD10-20B24A2 Datasheet
473Kb / 4P
   LD10 series ----is a compact size power converter offered by Mornsun.
LB10-10B24A2 MORNSUN-LB10-10B24A2 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LO10-00B24E MORNSUN-LO10-00B24E Datasheet
242Kb / 4P
   LO10 series -- is a open frame switching power supply offered by MORNSUN.
LS01-15B15S MORNSUN-LS01-15B15S Datasheet
412Kb / 4P
   LS01 Series ----- are high efficiency green power modules with miniature packaging provided by Mornsun.
LH10-10B12ER2A2 MORNSUN-LH10-10B12ER2A2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
logo
Sanken electric
LC5710S SANKEN-LC5710S Datasheet
2Mb / 42P
   Operation Types: The following converter types are applicable by the external circuit configuration
logo
Murata Manufacturing Co...
SFECF10M7DA0001-R0 MURATA-SFECF10M7DA0001-R0 Datasheet
211Kb / 3P
   The filters are mountable by automatic placers
SFECF10M7DF00S0-R0 MURATA-SFECF10M7DF00S0-R0 Datasheet
211Kb / 3P
   The filters are mountable by automatic placers
SFECF10M7EA00S0-R0 MURATA-SFECF10M7EA00S0-R0 Datasheet
210Kb / 3P
   The filters are mountable by automatic placers
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com