Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E564-40-I-TQI Datasheet(PDF) 16 Page - Silicon Storage Technology, Inc

No. de pieza SST89E564-40-I-TQI
Descripción Electrónicos  FlashFlex51 MCU
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E564-40-I-TQI Datasheet(HTML) 16 Page - Silicon Storage Technology, Inc

Back Button SST89E564-40-I-TQI Datasheet HTML 12Page - Silicon Storage Technology, Inc SST89E564-40-I-TQI Datasheet HTML 13Page - Silicon Storage Technology, Inc SST89E564-40-I-TQI Datasheet HTML 14Page - Silicon Storage Technology, Inc SST89E564-40-I-TQI Datasheet HTML 15Page - Silicon Storage Technology, Inc SST89E564-40-I-TQI Datasheet HTML 16Page - Silicon Storage Technology, Inc SST89E564-40-I-TQI Datasheet HTML 17Page - Silicon Storage Technology, Inc SST89E564-40-I-TQI Datasheet HTML 18Page - Silicon Storage Technology, Inc SST89E564-40-I-TQI Datasheet HTML 19Page - Silicon Storage Technology, Inc SST89E564-40-I-TQI Datasheet HTML 20Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
16
Preliminary Specifications
FlashFlex51 MCU
SST89E564 / SST89V564 / SST89E554 / SST89V554
©2001 Silicon Storage Technology, Inc.
S71181-03-000
9/01
384
TABLE
3-9: INTERFACE SFRS
Symbol Description
Direct
Address
Bit Address, Symbol, or Alternative Port Function
RESET
Value
MSB
LSB
SBUF
Serial Data Buffer
99H
SBUF[7:0]
Indeterminate
SCON1
Serial Port Control
98H
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
00H
SADDR Slave Address
A9H
SADDR#[7:0]
00H
SADEN Slave Address
Mask
B9H
SADEN#[7:0]
00H
SPCR
SPI Control
Register
D5H
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
04H
SPSR
SPI Status
Register
AAH
SPIF
WCOL
00H
SPDR
SPI Data Register
86H
SPD7
SPD6
SPD5
SPD4
SPD3
SPD2
SPD1
SPD0
00H
P01
Port 0
80H
P0[7:0]
FFH
P11
Port 1
90H
-
-
-
-
-
-
T2EX
T2
FFH
P21
Port 2
A0H
P2[7:0]
FFH
P31
Port 3
B0H
RD#
WR#
T1
T0
INT1#
INT0#
TXD
RXD
FFH
T3-9.4 384
1. Bit Addressable SFRs


Número de pieza similar - SST89E564-40-I-TQI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E564RD-25-C-NI SST-SST89E564RD-25-C-NI Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E564RD-25-C-NJ SST-SST89E564RD-25-C-NJ Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E564RD-25-C-PI SST-SST89E564RD-25-C-PI Datasheet
680Kb / 62P
   FlashFlex51 MCU
More results

Descripción similar - SST89E564-40-I-TQI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com