Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1163P Datasheet(PDF) 2 Page - Sony Corporation

No. de pieza CXA1163P
Descripción Electrónicos  DOLBY B TYPE NOISE REDUCTION SYSTEM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1163P Datasheet(HTML) 2 Page - Sony Corporation

  CXA1163P Datasheet HTML 1Page - Sony Corporation CXA1163P Datasheet HTML 2Page - Sony Corporation CXA1163P Datasheet HTML 3Page - Sony Corporation CXA1163P Datasheet HTML 4Page - Sony Corporation CXA1163P Datasheet HTML 5Page - Sony Corporation CXA1163P Datasheet HTML 6Page - Sony Corporation CXA1163P Datasheet HTML 7Page - Sony Corporation CXA1163P Datasheet HTML 8Page - Sony Corporation CXA1163P Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
– 2 –
CXA1100/CXA1101/CXA1102/CXA1163
Pin Description
(Ta = 25°C, VCC = 12V (Single supply), No signal)
No.
Symbol
Z (in)
VDC
Equivalent Circuit
Description
2
VCC
12.0V
Power supply
1, 16
REC IN
40k
6.0V
Recording (Encode)
input
Vcc
GND
40k
Vcc/2
1
16
3, 14
PB IN
40k
6.0V
Playback (Decode) input
Vcc
GND
40k
Vcc/2
14
3
5
ON/OFF
Mode control pin for NR
ON/OFF
"H"
→ NR OFF
"L"
→ NR ON
Vcc
GND
50µ
150µ
5
6, 11
LINE OUT
6.0V
Line (Decode) output
Vcc
GND
150
150
6
11
4
VCC/2
1k
6.0V
Single supply
→ VCC/2
Split supply
→ Ground


Número de pieza similar - CXA1163P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1165M SONY-CXA1165M Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
CXA1166 SONY-CXA1166 Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
More results

Descripción similar - CXA1163P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
   Dolby B type Noise Reduction System
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
   PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
   Integrated Circuit Dolby B Type Noise Reduction System
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com