Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TSW-102-07-L-D Datasheet(PDF) 16 Page - Texas Instruments

No. de Pieza. TSW-102-07-L-D
Descripción  TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
Descarga  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TSW-102-07-L-D Datasheet(HTML) 16 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
www.ti.com
TLV320AIC3104EVM Software
Section 4.9 for a discussion of setting the GPIO pin options. The TLV320AIC3104 can provide a
modulator clock to the digital microphone with oversampling ratios (OSR) of 128, 64, or 32. For a detailed
discussion of how to connect a digital microphone on this platform, refer to the application note Using the
Digital Microphone Function on TLV320AIC3104 with AIC33EVM/USB-MODEVM System (SLAA275),
available for download at www.ti.com.
The default mode for the EVM is configured as 44.1 kHz, 16-bit, I2 words, and the codec is a slave (BCLK
and WCLK are supplied to the codec externally). For use with the PC software and the USB-MODEVM,
the default settings should be used; no change to the software are required.
TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
16
SLAU218 – August 2007
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60